Electronic Components Datasheet Search
  English  ▼

X  

LM200WD3 Datasheet(PDF) 25 Page - LG Semicon Co.,Ltd.

Part # LM200WD3
Description  20.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM200WD3 Datasheet(HTML) 25 Page - LG Semicon Co.,Ltd.

Back Button LM200WD3 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 29Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Product Specification
LM200WD3
Liquid Crystal Display
Ver. 0.1
Apr., 20, 2012
25 / 32
5. Mechanical characteristics
The contents provide general mechanical characteristics. In addition the figures in the next
page are detailed mechanical drawing of the LCD.
Notes : Please refer to a mechanic drawing in terms of tolerance at the next page.
Outline dimension
Horizontal
462.8 mm
Vertical
272.0 mm
Depth
10.2 mm
Bezel area
Horizontal
446.8 mm
Vertical
253.1 mm
Active display area
Horizontal
442.8 mm
Vertical
249.075 mm
Weight
1,490g (Typ.), 1,565g (Max)
Surface treatment
Hard coating(3H)
Anti-glare treatment of the front polarizer
Table 11. Mechanical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com