Electronic Components Datasheet Search
  English  ▼

X  

LM200WD3 Datasheet(PDF) 17 Page - LG Semicon Co.,Ltd.

Part # LM200WD3
Description  20.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM200WD3 Datasheet(HTML) 17 Page - LG Semicon Co.,Ltd.

Back Button LM200WD3 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 21Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Product Specification
LM200WD3
Liquid Crystal Display
Ver. 0.1
Apr., 20, 2012
17 / 32
3-7. Power sequence
Notes :
1. Please avoid floating state of interface signal at invalid period.
2. When the interface signal is invalid, be sure to pull down the power supply for
LCD VLCD to 0V.
3. LED power must be turn on after power supply for LCD an interface signal are valid.
Parameter
Values
Units
Min
Typ
Max
T1
0.5
-
10
ms
T2
0.01
-
50
ms
T3
500
-
-
ms
T4
200
-
-
ms
T5
0.01
-
50
ms
T7
1
-
-
s
Table 9. Power sequence
Interface Signal (Tx)
Power for Backlight
VLCD
Power Supply For LCD
10%
90%
90%
10%
T1 T2
T5
T7
T3
T4
Valid data
LED on
0V
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com