Electronic Components Datasheet Search
  English  ▼

X  

LM200WD3 Datasheet(PDF) 24 Page - LG Semicon Co.,Ltd.

Part # LM200WD3
Description  20.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM200WD3 Datasheet(HTML) 24 Page - LG Semicon Co.,Ltd.

Back Button LM200WD3 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 28Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Product Specification
LM200WD3
Liquid Crystal Display
Ver. 0.1
Apr., 20, 2012
24 / 32
Notes :
8. Color grayscale linearity , Δu’v’ is defined as
Where indices A and B are the two gray levels found to have the largest color differences
between them.
i.e. get the largest Δu’ and Δv’ of each 6pairs of u’ and v’ and calculate Δu’v’ .
-Test pattern : 100% full white pattern with a test pattern as shown FIG.12
Squares of 40mm by 40mm in size, filled with 255, 225, 195, 165, 135 and 105
grayscale steps should be arranged in the center of the screen.
-Test method
First gray step : move a square of 255 gray level should be moved into the center of the screen
and measure luminance and u’ and v’ coordinates.
Next gray step : move a 255 gray square into the center and measure both luminance and
u’ and v’ coordinates.
The same procedure shall then be repeated for gray steps 195, 165, 135 and 105.
2
2
)
'
'
(
)
'
'
(
B
A
B
A
v
v
u
u
FIG. 13 Color grayscale linearity
40mm
40mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com