Electronic Components Datasheet Search
  English  ▼

X  

LM200WD3 Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # LM200WD3
Description  20.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM200WD3 Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  LM200WD3 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Product Specification
LM200WD3
Liquid Crystal Display
Ver. 0.1
Apr., 20, 2012
4 / 32
1. General description
LM200WD3-TLF1 is a Color Active Matrix Liquid Crystal Display with an integral Light Emitting
Diode(LED) backlight system. The matrix employs a-Si Thin Film Transistor as the active element.
It is a transmissive type display operating in the normally white mode. It has a 20.0 inch
diagonally measured active display area with HD+ resolution (900 vertical by 1600 horizontal pixel
array) Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in
vertical stripes. Gray scale or the brightness of the sub-pixel color is determined with
a 8-bit gray scale signal for each dot, thus, presenting a palette of more than 16.7M colors with
Advanced-FRC(Frame Rate Control). It has been designed to apply the interface method that
enables low power, high speed, low EMI. FPD Link or compatible must be used as a LVDS(Low
Voltage Differential Signaling) chip. It is intended to support applications where thin thickness,
wide viewing angle, low power are critical factors and graphic displays are important. In
combination with the vertical arrangement of the sub-pixels, the LM200WD3-TLF1 characteristics
provide an excellent flat panel display for office automation products such as monitors.
General features
Outline Dimension
462.8(H) x 272.0(V) x 10.2(D) mm(Typ.)
Active screen size
20.0 inches (508.05mm) diagonal
Pixel Pitch
0.09225*RGB(H)mm x 0.27675(V)mm
Pixel Format
1600 horizontal By 900 vertical Pixels. RGB stripe arrangement
Color depth
16.7M colors
Luminance, white
250 cd/m2 (Center 1Point, typ)
Power Consumption
Weight
1,490 g (Typ.)
Display operating mode
Transmissive mode, normally White
Surface treatments
Interface
LVDS 2Port
Viewing Angle (CR>10)
R/L 170(Typ.), U/D 160(Typ.)
CN1
LVDS
pair #1
LVDS
pair #2
Power circuit
block
+5V
VLCD
Source driver circuit
TFT-LCD Panel
(1600×RGB×900 pixels)
G1
S1
S1600
G900
Backlight assembly (White LED)
RGB
Timing
controller
FIG. 1 Block diagram
Hard coating (3H), Anti-glare treatment of the front polarizer
VLED 2ch
Total 12.8 W(Typ.), (3.0 W@VLCD , 9.8 W@IBL = 120 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com