Electronic Components Datasheet Search
  English  ▼

X  

LM200WD3 Datasheet(PDF) 28 Page - LG Semicon Co.,Ltd.

Part # LM200WD3
Description  20.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM200WD3 Datasheet(HTML) 28 Page - LG Semicon Co.,Ltd.

Back Button LM200WD3 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 32Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Product Specification
LM200WD3
Liquid Crystal Display
Ver. 0.1
Apr., 20, 2012
28 / 32
6. Reliability
Table 12. Environment test conditions
Wave form : random
Vibration level : 1.0GRMS
Bandwidth : 10-300Hz
Duration : X,Y,Z, 20 min
One time each direction
Vibration test
(non-operating)
5
0 - 16,400 feet(5,000m)
0 - 40,000 feet(12,192m)
Altitude
operating
storage / shipment
7
Shock level : 120G
Waveform : half sine wave, 2msec
Direction : ±X, ±Y, ±Z
One time each direction
Shock test
(non-operating)
6
Ta= 0°C 240hrs
Low temperature operation test
4
Ta= 50°C 50%RH
240hrs
High temperature operation test
3
Ta= -20°C 240hrs
Low temperature storage test
2
Ta= 60°C 240hrs
High temperature storage test
1
No
Test Item
Condition
{ Result evaluation criteria }
There should be no change which might affect the practical display function when the display
quality test is conducted under normal operating condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com