Electronic Components Datasheet Search
  English  ▼

X  

LM200WD3 Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part # LM200WD3
Description  20.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM200WD3 Datasheet(HTML) 11 Page - LG Semicon Co.,Ltd.

Back Button LM200WD3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 15Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Product Specification
LM200WD3
Liquid Crystal Display
Ver. 0.1
Apr., 20, 2012
11 / 32
Description
Symbol
Min
Max
Unit
Notes
LVDS Differential Voltage
|VID|
200
600
mV
-
LVDS Common mode Voltage
VCM
0.6
1.5
V
-
LVDS Input Voltage Range
VIN
0.3
1.8
V
-
3-3-2. DC Specification
3-3. LVDS characteristics
LVDS +
LVDS -
0V
VCM
# |VID| = |(LVDS+) – (LVDS-)|
# VCM = {(LVDS+) + (LVDS-)}/2
|VID|
VIN_MAX VIN_MIN
3-3-1. LVDS Data format
< LVDS Data Format >
OG0
OR5
OR4
OR3
OR2
OR1
OR0
OB1
OB0
OG5
OG4
OG3
OG2
OG1
DE
VSYNC
HSYNC
OB5
OB4
OB3
OB2
X
OB7
OB6
OG7
OG6
OR7
OR6
Current(Nth) Cycle
Previous(N-1)th Cycle
Next(N+1)th Cycle
RCLK +
RXinO0+/-
Tclk*4/7
Tclk*3/7
Tclk
Tclk*1/7
MSB
R7
R6
R5
R4
R3
R2
R1
R0
LSB
EG0
ER5
ER4
ER3
ER2
ER1
ER0
EB1
EB0
EG5
EG4
EG3
EG2
EG1
DE
VSYNC
HSYNC
EB5
EB4
EB3
EB2
X
EB7
EB6
EG7
EG6
ER7
ER6
* ODD = 1st Pixel
EVEN = 2nd Pixel
RXinO1+/-
RXinO2+/-
RXinO3+/-
RXinE0+/-
RXinE1+/-
RXinE2+/-
RXinE3+/-
OR3
OR2
OR1
OR0
OG4
OG3
OG2
OG1
OB5
OB4
OB3
OB2
OG7
OG6
OR7
OR6
ER3
ER2
ER1
ER0
EG4
EG3
EG2
EG1
EB5
EB4
EB3
EB2
EG7
EG6
ER7
ER6
OG0
OR5
OR4
OB1
OB0
OG5
DE
VSYNC
HSYNC
X
OB7
OB6
EG0
ER5
ER4
EB1
EB0
EG5
DE
VSYNC
HSYNC
X
EB7
EB6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com