Electronic Components Datasheet Search
  English  ▼

X  

LM200WD3 Datasheet(PDF) 19 Page - LG Semicon Co.,Ltd.

Part # LM200WD3
Description  20.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM200WD3 Datasheet(HTML) 19 Page - LG Semicon Co.,Ltd.

Back Button LM200WD3 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 23Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Product Specification
LM200WD3
Liquid Crystal Display
Ver. 0.1
Apr., 20, 2012
19 / 32
4. Optical specification
Table 10. Optical characteristics
Ta=
25°C, V
LCD=5.0V, fV=60Hz f
CLK=54.0MHz, IBL=120mA
Parameter
Symbol
Values
Units
Notes
Min
Typ
Max
Contrast Ratio
CR
700
1000
-
1
(PR-880)
Surface Luminance, white
LWH
200
250
-
cd/m2
2
(PR-880)
Luminance Variation
WHITE 9P
75
-
-
%
3
(PR-880)
Response Time
Rise Time
TrR
-
1.3
2.6
ms
4
(RD-80S)
Decay Time
TrD
-
3.7
7.4
ms
Color Gamut(1931)
67.5
72
-
%
(PR-650)
Color Coordinates
[CIE1931]
RED
Rx
Typ
-0.03
0.642
Typ
+0.03
(PR-650)
Ry
0.331
GREEN
Gx
0.310
Gy
0.618
BLUE
Bx
0.151
By
0.067
WHITE
Wx
0.313
Wy
0.329
Viewing Angle (CR>5)
5
(PR-880)
x axis, right(=0°)
r
75
88
Degree
x axis, left (=180°)
l
75
88
y axis, up (=90°)
u
70
85
y axis, down (=270°)
d
70
85
Viewing Angle (CR>10)
x axis, right(=0°)
r
70
85
Degree
x axis, left (=180°)
l
70
85
y axis, up (=90°)
u
60
75
y axis, down (=270°)
d
70
85
Crosstalk
1.5
%
6
(PR-880)
Luminance uniformity -
Angular dependence (TCO5.0)
LR
-
-
1.73
7
(PR-880)
Color grayscale linearity
Δu’v’
0.018
8
(PR-650)
Optical characteristics are determined after the unit has been ‘ON’ for 30 minutes in a dark
environment at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com