Electronic Components Datasheet Search
  English  ▼

X  

LM200WD3 Datasheet(PDF) 14 Page - LG Semicon Co.,Ltd.

Part # LM200WD3
Description  20.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM200WD3 Datasheet(HTML) 14 Page - LG Semicon Co.,Ltd.

Back Button LM200WD3 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 18Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Product Specification
LM200WD3
Liquid Crystal Display
Ver. 0.1
Apr., 20, 2012
14 / 32
3-4. Signal timing specifications
Table 7. Timing table
This is the signal timing required at the input of the User connector. All of the interface signal
timing should be satisfied with the following specifications for it’s proper operation.
Note:
1. DE Only mode operation. The input of Hsync & Vsync signal does not
have an effect on LCD normal operation.
2. The performance of the electro-optical characteristics may be influenced by variance of the
vertical refresh rates.
3. Horizontal period should be even.
4. Hsync Period, Hsync Width, and Horizontal Back Porch should be any times of of character
number(4).
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
DCLK
Period
tCLK
14.6
18.5
23.1
ns
Pixel frequency
: Typ.108.0MHz
Frequency
fCLK
43.2
54.0
68.4
MHz
Horizontal
Horizontal Valid
tHV
800
800
800
tCLK
H Period Total
tHP
856
900
1200
Hsync Frequency
fH
48.0
60.0
76.0
kHz
Vertical
Vertical Valid
tVV
900
900
900
tHP
V Period Total
tVP
908
1000
1300
Vsync Frequency
fV
48
60
76
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com