Electronic Components Datasheet Search
  English  ▼

X  

LM200WD3 Datasheet(PDF) 12 Page - LG Semicon Co.,Ltd.

Part # LM200WD3
Description  20.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM200WD3 Datasheet(HTML) 12 Page - LG Semicon Co.,Ltd.

Back Button LM200WD3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 16Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Product Specification
LM200WD3
Liquid Crystal Display
Ver. 0.1
Apr., 20, 2012
12 / 32
Description
Symbol
Min
Max
Unit
Notes
LVDS Clock to Data Skew Margin
tSKEW
- 400 + 400
ps
85MHz > Fclk ≥
65MHz
tSKEW
- 600 + 600
ps
65MHz > Fclk ≥
25MHz
Maximum deviation
of input clock frequency during SSC
FDEV
-
±
3
%
1
LVDS Clock to Clock Skew Margin
(Even to Odd)
tSKEW_EO - 1/7 + 1/7
Tclk
-
3-3-3. AC Specification
LVDS Data
t SKEW
LVDS Clock
Tclk
t SKEW (Fclk = 1/Tclk )
1) 85 MHz > Fclk
≥ 65 MHz : - 400 ~ +400
2) 65 MHz > Fclk
≥ 25 MHz : - 600 ~ +600
LVDS Even Data
LVDS Odd Clock
LVDS Even Clock
t SKEW_ EO
T clk
T clk
< Clock skew margin between channel >
< Clock skew margin between clock (Even/Odd) >
Note 1 :
This SSC specifications are just T-CON operation specification. In case of various system
condition, the optimum setting value of SSC can be different. LGD recommend the SI
should be adjust the SSC deviation and modulation frequency in order not to happen any
kinds of defect phenomenon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com