Electronic Components Datasheet Search
  English  ▼

X  

LC470EUF Datasheet(PDF) 29 Page - LG Semicon Co.,Ltd.

Part # LC470EUF
Description  47.0 WUXGA TFT LCD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC470EUF Datasheet(HTML) 29 Page - LG Semicon Co.,Ltd.

Back Button LC470EUF Datasheet HTML 25Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 26Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 27Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 28Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 29Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 30Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 31Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 32Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 33Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Product Specification
29 /40
LC470EUF
Ver. 1.5
# APPENDIX-I
■
■
■
■ Pallet Ass’y
NO.
DESCRIPTION
MATERIAL
1
LCD Module
47” LCD
2
BAG
47INCH
3
TAPE
MASKING 20MMX50M
4
PALLET
Plywood 1300X1140X125.5mm
5
PACKING,BOTTOM
EPS
6
PACKING,TOP
EPS
7
ANGLE,PACKING
PAPER
8
BAND
PP
9
ANGLE,COVER
PAPER
10
BAND
STEEL OR PP
11
LABEL
YUPO 80G 100X70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com