Electronic Components Datasheet Search
  English  ▼

X  

LC470EUF Datasheet(PDF) 39 Page - LG Semicon Co.,Ltd.

Part # LC470EUF
Description  47.0 WUXGA TFT LCD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC470EUF Datasheet(HTML) 39 Page - LG Semicon Co.,Ltd.

Back Button LC470EUF Datasheet HTML 32Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 33Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 34Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 35Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 36Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 37Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 38Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 39Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 40Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Product Specification
39 /40
LC470EUF
Ver. 1.5
This is only the reference data of G to G and uniformity for LC470EUF-SDA1 model.
1. G to G Response Time :
Response time is defined as Figure3 and shall be measured by switching the input signal for
“Gray (N) ” and “Gray(M)”.(32Gray Step at 8bit)
2. G to G Uniformity
The variation of G to G Uniformity , δ G to G is defined as :
*Maximum (GtoG) means maximum value of measured time (N, M = 0 (Black) ~ 1023(White), 128 gray step).
3. Sampling Size : 2 pcs
4. Measurement Method : Follow the same rule as optical characteristics measurement.
5. Current Status
Below table is actual data of production on Oct. 30. 2010 ( LGD RV Event Sample)
Gray to Gray Response Time Uniformity
< # 1 >
< # 2 >
G to G Uniformity =
≤1
3.83
3.05
Min.
9.78
9.73
Max.
G to G Response Time [ms]
0.96
0.95
Uniformity
# 2
# 1
)
(
)
(
)
(
GtoG
Typical
GtoG
Typical
GtoG
Maximum
−
# APPENDIX- VIII-1
TrR:0G
1023G
TrR:0G
895G
…
TrR:0G
255G
TrR:0G
127G
0Gray
TrD:1023G
0G
TrD:895G
0G
…
TrD:255G
0G
TrD:127G
0G
0Gray
TrD:1023G
895G
…
TrD:1023G
255G
TrD:1023G
127G
1023Gray
TrR:895G
1023G
…
TrD:895G
255G
TrD:895G
127G
895Gray
…
…
…
…
…
TrR:255G
1023G
TrR:255G
895G
…
TrD:255G
127G
255Gray
TrR:127G
1023G
TrR:127G
895G
…
TrR:127G
255G
127Gray
1023Gray
895Gray
…
255Gray
127ray
- 1
1
3
5
7
9
1 1
1 3
1 5
F a ll in g
R i s i n g
- 1
1
3
5
7
9
1 1
1 3
1 5
F a ll in g
R i s i n g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com