Electronic Components Datasheet Search
  English  ▼

X  

LC470EUF Datasheet(PDF) 17 Page - LG Semicon Co.,Ltd.

Part # LC470EUF
Description  47.0 WUXGA TFT LCD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC470EUF Datasheet(HTML) 17 Page - LG Semicon Co.,Ltd.

Back Button LC470EUF Datasheet HTML 13Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 14Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 15Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 16Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 17Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 18Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 19Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 20Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 21Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Product Specification
17 /40
LC470EUF
Ver. 1.5
LCD Module
Optical Stage(x,y)
Pritchard 880 or
equivalent
50cm
FIG. 1 Optical Characteristic Measurement Equipment and Method
4. Optical Specification
Optical characteristics are determined after the unit has been ‘ON’ and stable in a dark environment at 25±2°C.
The values are specified at distance 50cm from the LCD surface at a viewing angle of Φ and θ equal to 0 °.
FIG. 1 shows additional information concerning the measurement equipment and method.
Table 10. OPTICAL CHARACTERISTICS
K
10,000
Color Temperature
%
72
Color Gamut
4,5
ms
8
5
-
G to G
Gray-to-Gray
ms
12
8
-
MPRT
MPRT
1
-
-
δ MPRT
Uniformity
7
-
-
-
Gray Scale
3
1.3
-
-
5P
δ WHITE
1
-
1600
1100
CR
Uniformity
y axis, down (φ=270°)
y axis, up (φ=90°)
x axis, left (φ=180°)
x axis, right(φ=0°)
-
-
89
θd
-
-
89
θu
-
-
89
θl
6
degree
-
-
89
θr
Viewing Angle (CR>10)
WHITE
BLUE
GREEN
RED
0.600
Gy
0.308
Gx
0.059
By
0.149
Bx
0.292
Wy
0.279
Wx
0.333
Ry
Typ
+0.03
0.648
Typ
-0.03
Rx
Color Coordinates
[CIE1931]
1
-
-
δ G TO G
Response Time
Luminance Variation
2
cd/m2
-
400
320
L
WH
Surface Luminance, white
Note
Unit
Contrast Ratio
Max
Typ
Min
Value
Symbol
Parameter
Ta= 25±
2°C, V
LCD=12.0V, fV=120Hz, Dclk=74.25MHz,
I
F_cathode = 100mA (Typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com