Electronic Components Datasheet Search
  English  ▼

X  

LC470EUF Datasheet(PDF) 8 Page - LG Semicon Co.,Ltd.

Part # LC470EUF
Description  47.0 WUXGA TFT LCD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC470EUF Datasheet(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LC470EUF Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Product Specification
8 /40
LC470EUF
Ver. 1.5
3-2. Interface Connections
3-2-1. LCD Module
Table 4-1. MODULE CONNECTOR(CN1) PIN CONFIGURATION
Note
1. All GND(ground) pins should be connected together to the LCD module’s metal frame.
2. All VLCD (power input) pins should be connected together.
3. All Input levels of LVDS signals are based on the EIA 644 Standard.
4. #2~#6 & #8~#10 NC (No Connection): These pins are used only for LGD (Do not connect)
5. LVDS pin (pin No. #24,25,40,41) are used for 10Bit(D) of the LCD module.
If used for 8Bit(R), these pins are no connection.
6. Specific pin No. #44 is used for “No signal detection” of system signal interface.
It should be GND for NSB(No Signal Black) during the system interface signal is not.
If this pin is “H”, LCD Module displays AGP(Auto Generation Pattern).
-
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
No
-
Power Supply +12.0V
Power Supply +12.0V
Power Supply +12.0V
Power Supply +12.0V
No connection
Ground
Ground
Ground
No Connection or Ground
No Connection or Ground
SECOND LVDS Receiver Signal (E+)
SECOND LVDS Receiver Signal (E-)
SECOND LVDS Receiver Signal (D+)
SECOND LVDS Receiver Signal (D-)
Ground
SECOND LVDS Receiver Clock Signal(+)
SECOND LVDS Receiver Clock Signal(-)
Ground
SECOND LVDS Receiver Signal (C+)
SECOND LVDS Receiver Signal (C-)
SECOND LVDS Receiver Signal (B+)
SECOND LVDS Receiver Signal (B-)
SECOND LVDS Receiver Signal (A+)
SECOND LVDS Receiver Signal (A-)
‘H’ or NC= 10bit(D) , ‘L’ = 8bit
Description
-
VLCD
VLCD
VLCD
VLCD
NC
GND
GND
GND
NC or GND
NC or GND
R2EP
R2EN
R2DP
R2DN
GND
R2CLKP
R2CLKN
GND
R2CP
R2CN
R2BP
R2BN
R2AP
R2AN
Bit Select
Symbol
FIRST LVDS Receiver Signal (E+)
R1EP
25
FIRST LVDS Receiver Signal (E-)
R1EN
24
FIRST LVDS Receiver Signal (D+)
R1DP
23
FIRST LVDS Receiver Signal (D-)
R1DN
22
Ground
GND
21
FIRST LVDS Receiver Signal (B+)
R1BP
15
FIRST LVDS Receiver Signal (B-)
R1BN
14
FIRST LVDS Receiver Signal (A+)
R1AP
13
FIRST LVDS Receiver Signal (A-)
R1AN
12
Ground
GND
11
No Connection (Note 4)
NC
2
No Connection (Note 4)
NC
3
No Connection (Note 4)
NC
4
No Connection (Note 4)
NC
5
No Connection (Note 4)
NC
6
‘H’ =JEIDA , ‘L’ or NC = VESA
LVDS Select
7
No Connection (Note 4)
NC
8
No Connection (Note 4)
NC
9
No Connection (Note 4)
NC
10
FIRST LVDS Receiver Signal (C-)
R1CN
16
FIRST LVDS Receiver Signal (C+)
R1CP
17
Ground
GND
18
FIRST LVDS Receiver Clock Signal(-)
R1CLKN
19
FIRST LVDS Receiver Clock Signal(+)
R1CLKP
20
No Connection or Ground
NC or GND
26
Description
Symbol
No
NC or GND
No Connection or Ground
1
- LCD Connector(CN1): FI-R51S-HF(manufactured by JAE) or IS050-C51B-C39(manufactured by UJU)
Refer to below and next Page table
- Mating Connector : FI-R51HL(JAE) or compatible
This LCD module employs two kinds of interface connection, 51-pin connector and 41-pin connector are used
for the module electronics and 12-pin,13-pin connectors are used for the integral backlight system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com