Electronic Components Datasheet Search
  English  ▼

X  

LC470EUF Datasheet(PDF) 19 Page - LG Semicon Co.,Ltd.

Part # LC470EUF
Description  47.0 WUXGA TFT LCD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC470EUF Datasheet(HTML) 19 Page - LG Semicon Co.,Ltd.

Back Button LC470EUF Datasheet HTML 15Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 16Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 17Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 18Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 19Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 20Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 21Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 22Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 23Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Product Specification
19 /40
LC470EUF
Ver. 1.5
FIG. 3 Response Time
Response time is defined as the following figure and shall be measured by switching the input signal for
“Gray(N)” and “Gray(M)”.
Measuring point for surface luminance & measuring point for luminance variation.
FIG. 2 5 Points for Luminance Measure
A : H / 4 mm
B : V / 4 mm
@ H,V : Active Area
H
A
①
①
①
①
③
③
③
③
②
②
②
②
⑤
⑤
⑤
⑤
④
④
④
④
Gray(M)
Gray(N)
TrR
TrD
100
90
10
0
Optical
Response
N,M = Black~White, N<M
Gray(N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com