Electronic Components Datasheet Search
  English  ▼

X  

LC470EUF Datasheet(PDF) 9 Page - LG Semicon Co.,Ltd.

Part # LC470EUF
Description  47.0 WUXGA TFT LCD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC470EUF Datasheet(HTML) 9 Page - LG Semicon Co.,Ltd.

Back Button LC470EUF Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 12Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 13Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Product Specification
9 /40
LC470EUF
Ver. 1.5
Table 4-2. MODULE CONNECTOR(CN2) PIN CONFIGURATION
- LCD Connector(CN2): FI-R41S-HF(manufactured by JAE) or IS050-C41B-C39(manufactured by UJU)
- Mating Connector : FI-RE41HL or compatible
-
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
No
Ground
Ground
FORTH LVDS Receiver Signal (E+)
FORTH LVDS Receiver Signal (E-)
FORTH LVDS Receiver Signal (D+)
FORTH LVDS Receiver Signal (D-)
Ground
FORTH LVDS Receiver Clock Signal(+)
FORTH LVDS Receiver Clock Signal(-)
Ground
FORTH LVDS Receiver Signal (C+)
FORTH LVDS Receiver Signal (C-)
FORTH LVDS Receiver Signal (B+)
FORTH LVDS Receiver Signal (B-)
FORTH LVDS Receiver Signal (A+)
FORTH LVDS Receiver Signal (A-)
Ground
Ground
THIRD LVDS Receiver Signal (E+)
THIRD LVDS Receiver Signal (E-)
Description
GND
GND
RE4P
RE4N
RD4P
RD4N
GND
RCLK4P
RCLK4N
GND
RC4P
RC4N
RB4P
RB4N
RA4P
RA4N
GND
GND
RE3P
RE3N
Symbol
THIRD LVDS Receiver Signal (D+)
RD3P
21
THIRD LVDS Receiver Signal (C+)
RC3P
15
THIRD LVDS Receiver Signal (C-)
RC3N
14
THIRD LVDS Receiver Signal (B+)
RB3P
13
THIRD LVDS Receiver Signal (B-)
RB3N
12
THIRD LVDS Receiver Signal (A+)
RA3P
11
No connection
NC
2
No connection
NC
3
No connection
NC
4
No connection
NC
5
No connection
NC
6
No connection
NC
7
No connection
NC
8
Ground
GND
9
THIRD LVDS Receiver Signal (A-)
RA3N
10
Ground
GND
16
THIRD LVDS Receiver Clock Signal(-)
RCLK3N
17
THIRD LVDS Receiver Clock Signal(+)
RCLK3P
18
Ground
GND
19
THIRD LVDS Receiver Signal (D-)
RD3N
20
Description
Symbol
No
NC
No connection
1
Note :
1. All GND(ground) pins should be connected together to the LCD module’s metal frame.
2. LVDS pin (pin No. #22,23,38,39) are used for 10Bit(D) of the LCD module.
If used for 8Bit(R), these pins are no connection.
CN1
CN2
#1
#51
#1
#41
Rear view of LCM
#1
#51
#1
#41
CN1
CN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com