Electronic Components Datasheet Search
  English  ▼

X  

LC470EUF Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part # LC470EUF
Description  47.0 WUXGA TFT LCD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC470EUF Datasheet(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button LC470EUF Datasheet HTML 2Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 3Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Product Specification
6 /40
LC470EUF
Ver. 1.5
3. Electrical Specifications
3-1. Electrical Characteristics
It requires two power inputs. One is employed to power for the LCD circuit. The other Is used for the LED
backlight and LED Driver circuit.
Table 2. ELECTRICAL CHARACTERISTICS
1. The specified current and power consumption are under the V
LCD=12.0V, Ta=25 ± 2°C, fV=120Hz
condition, and mosaic pattern(8 x 6) is displayed and f
V is the frame frequency.
2. The current is specified at the maximum current pattern.
3. The duration of rush current is about 2ms and rising time of power input is 0.5ms (min.).
Mosaic Pattern(8 x 6)
White : 1023 Gray
Black :
0 Gray
1
mA
870
670
-
1
Watt
10.5
8.0
PLCD
Power Consumption
3
A
5.0
-
-
IRUSH
Rush current
VDC
13.2
12.0
10.8
VLCD
Power Input Voltage
2
mA
1260
970
-
ILCD
Power Input Current
Circuit :
Parameter
Symbol
Max
Typ
Min
Note
Unit
Value
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com