Electronic Components Datasheet Search
  English  ▼

X  

LC470EUF Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part # LC470EUF
Description  47.0 WUXGA TFT LCD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC470EUF Datasheet(HTML) 11 Page - LG Semicon Co.,Ltd.

Back Button LC470EUF Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 12Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 13Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 14Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 15Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Product Specification
11 /40
LC470EUF
Ver. 1.5
3-3. Signal Timing Specifications
Table 6 shows the signal timing required at the input of the LVDS transmitter. All of the interface signal
timings should be satisfied with the following specification for normal operation.
Table 6. TIMING TABLE (DE Only Mode)
Horizontal
Vertical
1
Lines
86
(300)
45
(270)
20
(228)
tVB
Blank
Lines
1080
1080
1080
tVV
Display
Period
Lines
1166
(1380)
1125
(1350)
1100
(1308)
tVP
Total
Total
Blank
Display
Period
tHP
tHB
tHV
Symbol
tCLK
680
550
520
1
tCLK
200
70
40
1920 / 4
tCLK
480
480
480
Note
Unit
Max
Typ
Min
ITEM
Note
Unit
Max
Typ
Min
Symbol
ITEM
Frequency
Vertical
Horizontal
DCLK
fV
fH
fCLK
2
NTSC :
108~122Hz
(PAL : 95~104Hz)
Hz
122
(104)
120
(100)
108
(95)
2
KHz
140
135
121.8
MHz
78.00
74.25
66.97
Note: 1. The input of HSYNC & VSYNC signal does not have an effect on normal operation (DE Only Mode).
If you use spread spectrum of EMI, add some additional clock to minimum value for clock margin.
2. The performance of the electro-optical characteristics may be influenced by variance of the vertical
refresh rate and the horizontal frequency
※ Timing should be set based on clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com