Electronic Components Datasheet Search
  English  ▼

X  

LC470EUF Datasheet(PDF) 18 Page - LG Semicon Co.,Ltd.

Part # LC470EUF
Description  47.0 WUXGA TFT LCD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC470EUF Datasheet(HTML) 18 Page - LG Semicon Co.,Ltd.

Back Button LC470EUF Datasheet HTML 14Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 15Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 16Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 17Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 18Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 19Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 20Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 21Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 22Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Product Specification
18 /40
LC470EUF
Ver. 1.5
Table 11. GRAY SCALE SPECIFICATION
Note : 1. Contrast Ratio(CR) is defined mathematically as :
Surface Luminance with all white pixels
Contrast Ratio =
Surface Luminance with all black pixels
It is measured at center 1-point.
2. Surface luminance are determined after the unit has been ‘ON’ and 1 Hour after lighting the
backlight in a dark environment at 25±2°C. Surface luminance is the luminance value at center
1-point across the LCD surface 50cm from the surface with all pixels displaying white.
For more information see the FIG. 2.
3. The variation in surface luminance , δ WHITE is defined as :
δ WHITE(5P) = Maximum(L
on1,Lon2, Lon3, Lon4, Lon5) / Minimum(Lon1,Lon2, Lon3, Lon4, Lon5)
Where L
on1 to Lon5 are the luminance with all pixels displaying white at 5 locations .
For more information, see the FIG. 2.
4. Response time is the time required for the display to transit from G(N) to G(M) (Rise Time, Tr
R)
and from G(M) to G(N) (Decay Time, Tr
D). For additional information see the FIG. 3. (N<M)
※ G to G Spec stands for average value of all measured points.
Photo Detector : RD-80S / Field : 2˚
5. MPRT is defined as the 10% to 90% blur-edge width Bij(pixels) and scroll speed U(pixels/frame)at
the moving picture. For more information, see FIG 4
6. Gray to Gray / MPRT Response time uniformity is Reference data. Appendix
VIII-1 / VIII-2.
7. Viewing angle is the angle at which the contrast ratio is greater than 10. The angles are
determined for the horizontal or x axis and the vertical or y axis with respect to the z axis which
is normal to the LCD module surface. For more information, see the FIG. 5.
8. Gray scale specification
Gamma Value is approximately 2.2. For more information, see the Table 11.
100
86.7
74.5
63.2
53.0
43.7
35.4
28.1
21.6
16.1
11.5
7.66
4.68
2.49
1.04
0.27
0.0625
Luminance [%] (Typ)
L239
L255
L159
L175
L191
L207
L111
L127
L143
L223
L47
L63
L79
L95
L31
L15
L0
Gray Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com