Electronic Components Datasheet Search
  English  ▼

X  

LC470EUF Datasheet(PDF) 10 Page - LG Semicon Co.,Ltd.

Part # LC470EUF
Description  47.0 WUXGA TFT LCD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC470EUF Datasheet(HTML) 10 Page - LG Semicon Co.,Ltd.

Back Button LC470EUF Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 12Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 13Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 14Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Product Specification
10 /40
LC470EUF
Ver. 1.5
Table 5. BACKLIGHT CONNECTOR PIN CONFIGURATION(CN201,CN202)
No
Symbol
Description
Note
1
Anode_R2
(5~8Cathode)
LED Input Current
2
N.C
Open
3
R8Cathode
LED Output Current
4
R7 Cathode
LED Output Current
5
R6 Cathode
LED Output Current
6
R5 Cathode
LED Output Current
7
R4 Cathode
LED Output Current
8
R3 Cathode
LED Output Current
9
R2 Cathode
LED Output Current
10
R1 Cathode
LED Output Current
11
N.C
Open
12
Anode_R1
(1~4Cathode)
LED Input Current
No
Symbol
Description
Note
1
Anode_L1
(1~4Cathode)
LED Input Current
2
N.C
Open
3
L1 Cathode
LED Output Current
4
L2 Cathode
LED Output Current
5
L3 Cathode
LED Output Current
6
L4 Cathode
LED Output Current
7
N.C
Open
8
L5 Cathode
LED Output Current
9
L6 Cathode
LED Output Current
10
L7 Cathode
LED Output Current
11
L8 Cathode
LED Output Current
12
N.C
Open
13
Anode_L2
(5~8Cathode)
LED Input Current
◆ Rear view of LCM
3-2-2. Backlight Module
T-con
CN202
CN201
1
1
13pin
12pin
[ CN201 ]
1) LED Array assy Connector (Plug)
: 20022HS-13B2(BK) (manufactured by Yeonho)
2) Mating Connector (Receptacle)
: 20022WR-13BD (manufactured by Yeonho) or equivalent
[ CN202 ]
1) LED Array assy Connector (Plug)
: 20022HS-12B2 (manufactured by Yeonho)
2) Mating Connector (Receptacle)
: 20022WR-12BD (manufactured by Yeonho )or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com