Electronic Components Datasheet Search
  English  ▼

X  

LC470EUF Datasheet(PDF) 20 Page - LG Semicon Co.,Ltd.

Part # LC470EUF
Description  47.0 WUXGA TFT LCD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC470EUF Datasheet(HTML) 20 Page - LG Semicon Co.,Ltd.

Back Button LC470EUF Datasheet HTML 16Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 17Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 18Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 19Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 20Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 21Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 22Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 23Page - LG Semicon Co.,Ltd. LC470EUF Datasheet HTML 24Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Product Specification
20 /40
LC470EUF
Ver. 1.5
FIG. 5 Viewing Angle
Dimension of viewing angle range
Normal
Y
E
φ
θ
φ = 0 °, Right
φ = 180 °, Left
φ = 270 °, Down
φ = 90 °, Up
FIG. 4 MPRT
MPRT is defined as the 10% to 90% blur-edge with Bij(pixels) and scroll speed U(pixels/frame)at the moving
picture.
LLLLjjjj
LLLLiiii
Bij
M =
U
1
Bij (i=j)
90%
10%
Example) Bij = 12pixels, U = 10pixels / 120Hz
M = 12pixels / (10pixels / 120Hz)
= 12pixels / {10pixels / (1/120)s}
= 12 / 1,200 s
= 10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com