Electronic Components Datasheet Search
  English  ▼

X  

IP175G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP175G Datasheet HTML 1Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 2Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 3Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 4Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 5Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
1 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
5 Port 10/100 Ethernet Integrated Switch
(85nm /Extreme Low Power, PWMT®®®® and AFT®®®® )
Features
General Description
5 port Embedded 10/100 PHY Switch Controller
Support 5 100BaseTX(IP175G) or 4 100Base TX
+ 1 FX(IP175GH)
Support 1K MAC address entry
448K bits packet buffer memory
100M PHY support IEEE802.3az at full duplex
10M PHY only support 10BaseTe
Support Auto MDI-MDIX function
Power Management Tool (PWMT®)
-
APS, auto-power saving while Link-off
-
IEEE 802.3az protocol based power saving
-
WOL+®, light traffic power saving
-
PWD, force-off power saving
Support Auto Factory Test (AFT®)
Single Power 3.3V supply
Built in 1.1V core voltage LDO Regulator
Two Priority queues per port
Support 802.1p & DiffServ based QoS
QoS
-
Port base
-
802.1p
-
IP DiffServ IPV4/IPV6
-
TCP/UDP port number
-
Pins configure ports priority (VIP port)
Support max forwarding packet length
1552/1536 bytes option
Support port mirror function
Support 1k MAC address
Support broadcast storm protection
Support port trunking (LACP)
Support 16 VLAN (IEEE Std 802.1q)
-
Port-based/Tagged-based VLAN
-
Support insert, remove tag
Built-in 50 ohm resistors for simplifying BOM
85nm Process
Package and operation temperature
-
IP175G/GH: 48 Pin(6mmx6mm) QFN, 0~70
℃
-
IP175GI/GHI:
48
Pin(6mmx6mm)
QFN,
-40~85
℃
IP175G/GH is fabricated with advanced CMOS
(85nm) technology and only requires a 3.3V sinlge
power supply. This feature makes IP175G/GH used
very low power consume, such as the full load
operation (100Mbps full duplex 5 ports), it only
takes 0.45w.
IP175G/GH also supports Power Management
Tool (PWMT®) for IEEE 802.3az, APS, WOL+ and
PWD for Green Power. While two link devices have
no IEEE 802.3az capability, IP175G/GH use WOL+
to change link from 100Mbps to 10Mbps for saving
power.
The PWD of IP175G/GH is designed for power
down switch immediately by pushing a botton, user
don’t plug out the power adapter. Push the botton
again, it will power on immediately.
Except Low Power and Rich Power Saving
method, IP175G/GH supports AFT® for saving
Customer Testing Cost. By using a push bottom
and cables, IP175G/GH will Auto test completely by
itself.
IP175G/GH/IP175GI/GHI are available in 48
QFN lead free package.
Application
5 port 10/100 Dumb swith
4TX+1FX Dumb Switcn


Similar Part No. - IP175G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R01 ETC2-IP175ALF-DS-R01 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R02 ETC2-IP175ALF-DS-R02 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R03 ETC2-IP175ALF-DS-R03 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R04 ETC2-IP175ALF-DS-R04 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
More results

Similar Description - IP175G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP178A ETC1-IP178A Datasheet
1Mb / 44P
8-Port 10/100 Ethernet Integrated Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175C ETC2-IP175C Datasheet
1Mb / 111P
5 Port 10/100 Ethernet Integrated Switch
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
logo
Micrel Semiconductor
KS8995XA MICREL-KS8995XA_11 Datasheet
358Kb / 55P
Integrated 5-Port 10/100 QoS Switch
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
Integrated 5-Port 10/100 Managed Switch
logo
List of Unclassifed Man...
IP178G ETC2-IP178G Datasheet
1,013Kb / 76P
8 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
5 Port Unmanaged Ethernet Switch 10/100
SW-705 BLACKBOX-SW-705 Datasheet
1,008Kb / 4P
Hardened 5 Port Ethernet Switch 10/100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com