Electronic Components Datasheet Search
  English  ▼

X  

IP175G Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 11Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 13Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
10 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
3.3 System clock & reset pins
Pin
No.
Label
Type
Description
23
OSCI
I
25MHz system clock
It is recommended to connect OSCI and X2 to a 25MHz crystal.
If the clock source is from another chip or oscillator, the clock
should be active at least for 1ms before pin 25 RESETB
de-asserted.
Pin 24 X2 should be left open in this application.
24
X2
O
Crystal pin
A 25Mhz crystal can be connected to OSCI and X2.
25
RESETB
I
Reset
It is a low active input pad with Schmitt trigger. The reset time
must be hold for more than 10 ms. If an R/C reset circuit is used,
the capacitor should be connected to PVDD as shown in the
figure.
3.4 Boundry scan & test mode
Pin
No.
Label
Type
Description
29
TEST
I
Test mode enable
It should be connected to GND for normal operation
30
AUTO_FACTORY
_TEST
IPL
Auto Factory Test (AFT
®) enable pin
RESETB
R
PVDD
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com