Electronic Components Datasheet Search
  English  ▼

X  

IP175G Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 22Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 23Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 24Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 25Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 26Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 27Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 28Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
26 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
4.13.2 Supports link, speed, and duplex LED
IP175G/GH supports link, speed, and duplex LED when setting SERIAL_LED_MODE to 0 and
SERIAL_LED_EN to 1.
Figure 14 Serial LED Fully Mode
4.14 LED Blink Timing
Table 4 LED Blink Timing
LED mode
Blinking speed
Serial mode update period
10ms
Active LED blink
Off 105ms
On 105ms
Off 105ms
…
Collision LED blink
Off 105ms
On 105ms
Off 105ms
…
4.15 PAD Driving Calibration
This function illustrates the interface between switch and high speed pad groups for pad driving
calibration. In default the pad driving capability sets by switch MII register (PHY address 21
Reg10.[14:12). It also can automatically calibrate to determine pad driving and feedback it to the final
pad driving current.
74HC164
PVDD
QA
QB
QC
QD
QE
QF
QG
QH
A
CLK
CLR
B
PVDD
RESET
SCLK
SDATA
74HC164
PVDD
QA
QB
QC
QD
QE
QF
QG
QH
A
CLK
CLR
B
74HC164
PVDD
QA
QB
QC
QD
QE
QF
QG
QH
A
CLK
CLR
B
PORT 4 LINK/ACT LED
PORT 3 LINK/ACT LED
PORT 2 LINK/ACT LED
PORT 1 LINK/ACT LED
PORT 0 LINK/ACT LED
PORT 4 SPEED LED
PORT 3 SPEED LED
PORT 2 SPEED LED
PORT 1 SPEED LED
PORT 0 SPEED LED
PORT 4 DUP/COL LED
PORT 3 DUP/COL LED
PORT 2 DUP/COL LED
PORT 1 DUP/COL LED
PORT 0 DUP/COL LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com