Electronic Components Datasheet Search
  English  ▼

X  

IP175G Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 26Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 27Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 28Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 30Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 32Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
30 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
Register descriptions
R/W = Read/Write,
SC = Self-Clearing,
RO = Read Only,
LL = Latching Low,
LH = Latching High
Port 0 PHY address : 2 ;
Port 1 PHY address : 3 ;
Port 2 PHY address : 4 ;
Port 3 PHY address : 6 ;
Port 4 PHY address : 7 ;
6.1
MII Register
PHY
MII
R/W
Description
Default
Control Register
0.15
RW/
SC
Reset
The PHY is reset if user writes “1” to this bit. The reset period is around
2ms. User has to wait for at least 2ms to access IP175G/GH.
0
0.14
R/W
Loop back
1 = Loop back mode
0 = normal operation
When this bit set, IP175G/GH will be isolated from the network media,
that is, the assertion of TXEN at the MII will not transmit data on the
network. All MII transmission data will be returned to MII receive data
path in response to the assertion of TXEN.
Bit 0.12 is cleared automatically, if this bit is set. User has to program
bit 0.12 again after loop back test.
0
0.13
RW
Speed Selection
1 = 100Mbps
0 = 10Mbps
It is valid only if bit 0.12 is set to be 0.
1
0.12
RW
Auto-Negotiation(AN) Enable
1 = Auto-Negotiation Enable
0 = Auto-Negotiation Disable
1
0.11
R/W
Power Down
1: power down mode
0: normal operation
0
0.10
Isolate
IP175G/GH doesn’t support this function.
0
0.9
RW
SC
Restart Auto-Negotiation
1 = re-starting Auto-Negotiation
0: normal operation
0
0.8
R/W
Duplex mode
1 = full duplex
0 = half duplex
It is valid only if bit 0.12 is set to be 0.
0
0.7
R/W Collision test
0
2
3
4
6
7
0[6:0]
RO Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com