Electronic Components Datasheet Search
  English  ▼

X  

IP175G Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 41Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
44 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
6.7
Switch control registers (I)
Table 13 Switch control registers (I) table
PHY
MII
ROM
R/W
Description
Default
EEPROM enable register / Software reset register
20
--
1, 0
EEPROM enable register
This register should be filled with 55AA in EERPOM register 0
and 1. IP175G/GH will examine the specified pattern to
confirm if there is a valid EEPROM. The initial setting is
updated with the content of EEPROM only if the specified
pattern 55AA is found.
20
0
R/W
Software reset register
MII register 0 is software reset register. User can reset
IP175G/GH by writing 55AA to this register.
20
0[15]
R
BFLL_FULL, free buffer is full
1: full,
0: not full
This bit is for debug only.
20
0[13]
R
Empty, all output queue is empty
1: empty
0: not empty
This bit is for debug only.
20
0[12:4]
Reserved
20
0[3]
R
PAD_RESET
20
0[2]
R
EE_RESET1
20
0[1]
R
SOFT_RESET
20
0[0]
R
EE_RESET
20
1[15]
R/W
PRIORITY_RATE
1: 8 packets
0: 16 packets
Output Queue Scheduling: high priority packet rate
1’b0
20
1[12]
R/W
REDUCE_IPG
This function reduce the IPG by random from 0 ~ 20 PPM.
1: enable, 0:disable
1'b1
20
1[11]
R/W
Drop16
1: enable, 0:disable
1’b0
20
1[9]
R/W
MOD_CARRIER_ALGORITHM
Modified carrier based collision algorithm
1: enable, 0:disable
1’b0
20
1[8]
R/W
BK_EN, Backpressure enable
1: enable, 0: disable
1'b1
20
1[7]
R/W
BP_KIND, Backpressure type selection
It is valid only if BK_EN is set to 1’b1.
0: carrier base backpressure
1: reserved
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com