Electronic Components Datasheet Search
  English  ▼

X  

IP175G Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 11Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 13Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 14Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 15Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 16Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 17Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
14 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
4
Functional Description
4.1
Switch Engine and Queue Management
4.1.1 Switch Engine
IP175G/GH integrates an 5-port switch controller, SSRAM, and 5 10/100 Ethernet transceivers. Each of
the transceivers complies with the IEEE 802.3, IEEE 802.3u, and IEEE 802.3x specifications.
IP175G/GH offers all the rich features of a high-speed broadband wire Internet services including
non-blocking switch fabric
4.1.2 Packet Forwarding
IP175G/GH utilizes the “store & forward” method to handle packet transfer. IP175G/GH begins to
forward a packet to a destination port after the entire packet is received. A received packet will be
forwarded to the destination port only if it is error free; otherwise, it will be discarded.
4.1.3 Flow control
IP175G/GH jams or pauses a port, which causes output queue over the threshold. Its link partner will
defer transmission after detecting the jam or pause frame. A port of IP175G/GH defers transmission
when it receives a jam or a pause frame. The source address (SA) of pause control frame will be
[ IP175G/GH OUI (0090C3), port number]. For example, the SA of port 1 pause control frame will be “ 00
90 C3 00 00 01”.
When CoS is enabled, IP175G/GH may disable the flow control function for a short term to guarantee the
bandwidth of high priority packets. A port disables its flow control function for 2 ~ 3 seconds when it
receives a high priority packet. It doesn’t transmit pause frame or jam pattern during the period but it still
responses to pause frame or jam pattern.
4.1.4 Backpressure
In half duplex mode, the IP175G/GH supports backpressure flow control. When set BK_EN of MII
register 20.1[8] to “1”, the packets in buffer reach the threshold, IP175G/GH generates a jam pattern to
back off the link partner. IP175G/GH supports carrier-sense based backpressure. When the
carrier-sense based backpressure is enabled, MII register 20.1[7] is set to “0”, and IP175G/GH transmits
null packets continuously to prevent link partner’s transmission when the buffer is not available.
4.1.5 Broadcast storm protection
A port of IP175G/GH begins to drops broadcast packets if the received broadcast packets are more
than the threshold defined in MII register 21.9[15:14] BF_STM_THR_SEL [1:0] in 10ms (100Mbps) or
100ms (10Mbps)
The function can be enabled by pulling low pin 36 BF_STM_DIS or programming MII register
20.1[6].
IP175G/GH handles multicast frame as a broadcast frame in broadcast storm protection function if
MII register 21.30[12] is set to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com