Electronic Components Datasheet Search
  English  ▼

X  

IP175G Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 54Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 55Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 56Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 57Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 58Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 59Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 60Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
57 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
6.23 EEE Timing Parameter
PHY
MII
R/W
Description
Default
0[15:8]
Reserved
0[7:0]
R/W
EEE_EN[7:0]
Energy Efficient Ethernet Enable for each port
bit[7]: Port 4 enable EEE function
Note 1
bit[6]: Port 3 enable EEE function
bit[4]: Port 2 enable EEE function
bit[3]: Port 1 enable EEE function
bit[2]: Port 0 enable EEE function
8’hFF
1[15:14]
R/W
SLEEP_TIME_UNIT
Sleep Time Unit
0x0: 1s
0x1: 1ms
0x2: 1us
2’d2
1[11:0]
R/W
SLEEP_TIME
The time to sleep = SLEEP_TIME_UNIT * SLEEP_TIME
12’d15
4[15:14]
R/W
WAKE_TIME_UNIT_P0
Wake Up Time Unit for Port 0
0x0: 1s
0x1: 1ms
0x2: 1us
2’d2
4[11:0]
R/W
WAKE_TIME_P0
Wake Up Time for Port 0
The time to wake = WAKE_TIME_UNIT_P0 * WAKE_TIME_P0
The time is between when switch de-assert LPI and when it can
send data.
12’d35
5[15:14]
R/W
WAKE_TIME_UNIT_P1
Wake Up Time Unit for Port 1
2’d2
5[11:0]
R/W
WAKE_TIME_P1
Wake Up Time for Port 1
12’d35
6[15:14]
R/W
WAKE_TIME_UNIT_P2
Wake Up Time Unit for Port 2
2’d2
22
6[11:0]
R/W
WAKE_TIME_P2
Wake Up Time for Port 2
12’d35
8[15:14]
R/W
WAKE_TIME_UNIT_P3
Wake Up Time Unit for Port 3
2’d2
8[11:0]
R/W
WAKE_TIME_P3
Wake Up Time for Port 3
12’d35
9[15:14]
R/W
WAKE_TIME_UNIT_P4
Wake Up Time Unit for Port 4
2’d2
9[11:0]
R/W
WAKE_TIME_P4
Wake Up Time for Port 4
12’d35
Note 1 : Port mapping refer Figure 2 Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com