Electronic Components Datasheet Search
  English  ▼

X  

IP175G Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 39Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 41Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
43 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
page
MII
R/W
Description
Default
16.[9]
RW
Sense DUT
Set high to enable WOL+ interrupt when DUT is sensing WOL+
event.
1=Enable
0=Disable
Each PHY address can access the register of the corresponding
port.
1
16.[8]
RW
WOL+ Down Speed Enable
Set high to enable WOL+ down speed function
1=Enable
0=Disable
1
16.[7:1]
RO
Reserved
0x00
16.[0]
RO
PHY WOL+ Interrupt Status
The status of PHY WOL+ interrupt is based on the setting of
Reg16 Page4 Bit14 and Bit13.
1
MII page5 register16 of PHY0 (5 PHYs share the MII register)
page
MII
R/W
Description
Default
PHY WOL+ MAC Address Register 0
5
16[15:0]
R/W
WOL+ MAC Address 0 (the most significant word)
WOL+ MAC Address = {WOL+_MAC_Address_0,
WOL+_MAC_Address_1, WOL+_MAC_Address_2}
0x0000
MII page6 register16 of PHY0 (5 PHYs share the MII register)
page
MII
R/W
Description
Default
PHY WOL+ MAC Address Register 1
6
16[15:0]
R/W
WOL+ MAC Address 1
WOL+ MAC Address = {WOL+_MAC_Address_0,
WOL+_MAC_Address_1, WOL+_MAC_Address_2}
0x0000
MII page7 register16 of PHY0 (5 PHYs share the MII register)
page
MII
R/W
Description
Default
PHY WOL+ MAC Address Register 2
7
16[15:0]
R/W
WOL+ MAC Address 2 (the least significant word)
WOL+ MAC Address = {WOL+_MAC_Address_0,
WOL+_MAC_Address_1, WOL+_MAC_Address_2}
0x0000
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
Example 1, Read page3 register16 (Read Data from page3 register16 of PHY address 2):
1.
Write 2.20 = 0x0003 //page3
2.
Read 2.16
//Read Data from page3 register16
3.
Write 2.20 = 0x0000 //restore to page0
Example 2, Write page3 register16 = 0x3400 (Write Data 0x3400 to page3 register16 of PHY address 2):
1.
Write 2.20 = 0x0003 //page3
2.
Write 2.16 = 0x3400 //Write Data 0x3400 to page3 register16
3.
Write 2.20 = 0x0000 //restore to page0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com