Electronic Components Datasheet Search
  English  ▼

X  

IP175G Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
50 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
6.18 CoS control registers – port 3
PHY
MII
R/W
Description
Default
6[10]
R/W
Port 3 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port 3 are handled as high priority
packets.
1’b0
21
6[9]
R/W
Port 3 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port 3 are handled as high priority packets.
1’b0
6.19 CoS control registers – port 4
PHY
MII
R/W
Description
Default
CoS and port base VLAN register 4
7[10]
R/W
Port 4 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port 4 are handled as high priority
packets.
1’b0
21
7[9]
R/W
Port 4 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port 4 are handled as high priority packets.
1’b0
6.20 Switch control registers (IV)
PHY
MII
R/W
Description
Default
9[15:14]
R/W
BF_STM_THR_SEL[1:0].
Broadcast storm threshold selection
00: 2 packets/10ms for 100Mbps port, or 2 packets/100ms for
10Mbps port,
01: 6 packets/10ms for 100Mbps port, or 6 packets/100ms for
10Mbps port,
10: 14 packets/10ms for 100Mbps port, or 14 packets/100ms for
10Mbps port,
11: 30 packets/10ms for 100Mbps port, or 30 packets/100ms for
10Mbps port
2’b00
9[13:12]
R/W
SHARE_FULL_THR_SEL[1;0].
Share buffer threshold selection
00: 160 units
01: 180 units
10: 140 units
11: 120 units
2’b00
21
9[11:10]
R/W
UNIT_DEFAULT_THR_SEL[1:0].
Output Queue minimum threshold selection
00: 40 units
01: 32 units
10: 48 units
11: 56 units
2’b00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com