Electronic Components Datasheet Search
  English  ▼

X  

IP175G Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 3Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 4Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 5Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
7 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
1
Pin diagram
1.1
IP175G/GH Pin diagram (QFN48)
(6mm X 6mm Top view)
Exposed pad (pad 49) is system GND, must be soldered to PCB ground plane
Figure 1 Pin Diagram
TXOP2
TXOM1
TXOP1
RXIM1
RXIP1
BGRES
AV33
PLLGND
PLLVCC
RXIP2
RXIM2
TXOM2
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
49 E-Pad Ground
LINK_LED1/SCLK/BF_STM_DIS
LINK_LED2/RSVD_GMAC_FILTER
PVDD
LINK_LED3
LINK_LED4
F_POWER_OFF_LED / VLAN_DIS
AUTO_FACTORY_TEST
TEST
F_POWER_OFF
DVDD
RESETB
FXSD4 (IP175GH) / GND (IP175G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com