Electronic Components Datasheet Search
  English  ▼

X  

RF68 Datasheet(PDF) 1 Page - HOPE Microelectronics CO., Ltd.

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF68 Datasheet(HTML) 1 Page - HOPE Microelectronics CO., Ltd.

  RF68 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Page 1
RF68
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
RF68 - Low Cost Integrated Transmitter IC
310 to 928MHz Frequency Agile
GENERAL DESCRIPTION
The RF68 is an ultra-low-cost, fully integrated FSK or
OOK transmitter suitable for operation between 310 and
450 MHz, 860 and 870 MHz, as well as 902 and 928 MHz.
For applications where economy is paramount, the RF68
may be used without the requirement for configuration via
an MCU. However, in conjunction with a microcontroller the
communication link parameters may be re-configured.
Including, output power, modulation format and operating
channel.
The RF68 offers integrated radio performance with cost
efficiency and is suited for operation in North America FCC
part 15.231, FCC part 15.247 DTS and FHSS modes,
15.249, and Europe EN 300 220.
ORDERING INFORMATION
Part Number
Temperature Range
Package
RF68
-40 °C to +85 °C
DFN8
Pb-Free, Halogen Free, RoHS/WEEE compliant product.
APPLICATIONS
Garage Door Openers
Low-Cost Consumer Electronic Applications
Remote Keyless Entry (RKE)
Remote Control / Security Systems
KEY PRODUCT FEATURES
+10 dBm or 0 dBm Configurable output power
Bit rates up to 100 kbps
OOK and FSK modulation.
1.8 to 3.7 V supply range.
Low BOM Fully Integrated Tx
Fractional-N PLL with 1.5 kHz typical step
Frequency agility for FHSS modulation
FCC Part 15.247 DTS Mode compliant


Similar Part No. - RF68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF68 ETC2-RF68 Datasheet
778Kb / 21P
Low Cost Integrated Transmitter IC
logo
RF Micro Devices
RF6886 RFMD-RF6886 Datasheet
1Mb / 16P
3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
Qorvo, Inc
RF6886 QORVO-RF6886 Datasheet
1Mb / 16P
3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
RF Micro Devices
RF6886PCK-410 RFMD-RF6886PCK-410 Datasheet
1Mb / 16P
3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
RF6886PCK-411 RFMD-RF6886PCK-411 Datasheet
1Mb / 16P
3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF68

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
SX1242 SEMTECH-SX1242 Datasheet
304Kb / 14P
SX1242 - Low Cost Integrated Transmitter IC
SX1243 SEMTECH-SX1243 Datasheet
921Kb / 24P
Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
logo
List of Unclassifed Man...
SEM104PT100 ETC2-SEM104PT100 Datasheet
92Kb / 2P
LOW COST TEMPERATURE TRANSMITTER
RF68 ETC2-RF68 Datasheet
778Kb / 21P
Low Cost Integrated Transmitter IC
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
Low Cost ISM Transmitter Module
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com