Electronic Components Datasheet Search
  English  ▼

X  

RF68 Datasheet(PDF) 5 Page - HOPE Microelectronics CO., Ltd.

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF68 Datasheet(HTML) 5 Page - HOPE Microelectronics CO., Ltd.

  RF68 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Page 5
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
RF68
2. Electrical Characteristics
2.1. ESD Notice
The RF68 is an electrostatic discharge sensitive device. It satisfies Class 2 of the JEDEC standard
JESD22-A114-B (human body model) on all pins.
2.2. Absolute Maximum Ratings
Stresses above the values listed below may cause permanent device failure. Exposure to absolute maximum ratings for
extended periods may affect device reliability.
Table 2
Absolute Maximum Ratings
Symbol
Description
Min
Max
Unit
VDDmr
Supply Voltage
-0.5
3.9
V
Tmr
Temperature
-55
115
° C
Tjunc
Junction Temperature
-55
125
° C
Tstor
Storage Temperature
-55
150
° C
2.3. Operating Range
Operating ranges define the limits for functional operation and the parametric characteristics of the device as described in
this section. Functionality outside these limits is not implied.
Table 3
Operating Range
Symbol
Description
Min
Max
Unit
VDDop
Supply voltage
1.8
3.7
V
Top
Operational temperature range
-40
85
° C
Clop
Load capacitance on digital ports
-
25
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com