Electronic Components Datasheet Search
  English  ▼

X  

RF68 Datasheet(PDF) 18 Page - HOPE Microelectronics CO., Ltd.

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF68 Datasheet(HTML) 18 Page - HOPE Microelectronics CO., Ltd.

Back Button RF68 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Page 18
RF68
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
The following BOMs guarantee that the RF68 product will be able to meet all regional regulatory requirements, with
significant margin (more than 10dB) on the rejection of harmonics and spurs.
Usage
Label
350 MHz
433 MHz
868 MHz
915 MHz
@+10dBm
915 MHz
@0dBm
Type
Tolerance
L1
120nH
120nH
22nH
22nH
22nH
L2
39nH
33nH
12nH
12nH
12nH
L3
15nH
15nH
4.7nH
6.8nH
6.8nH
L4
0 Ohm
0 Ohm
8.2nH
0 Ohm
6.8nH
LQG15xxx
C1
2.2pF
0.5pF
-
0.5pF
0.5pF
C2
100pF
100pF
33pF
18pF
18pF
C3
8.2pF
8.2pF
1.8pF
5.6pF
5.6pF
C4
3.3pF
2.2pF
1.5pF
-
-
C5
8.2pF
8.2pF
1.8pF
2.2pF
2.2pF
C6
-
-
18pF
-
18pF
C7
-
-
-
-
-
NPO
C8
100pF
100pF
100pF
100pF
100pF
NPO
Decoupling
C9
100nF
100nF
100nF
100nF
100nF
X7R
R5
-
-
-
-
-
-
Delayed
POR
C10
-
-
-
-
-
-
Standard tolerance
L5
C11
Antenna
Match
C12
Antenna dependant
Inductor count
3
3
4
3
4
Capacitor count
7
7
7
6
7
Resistor count
1
1
0
1
0
Figure 13. Reference BOMs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com