Electronic Components Datasheet Search
  English  ▼

X  

RF68 Datasheet(PDF) 12 Page - HOPE Microelectronics CO., Ltd.

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF68 Datasheet(HTML) 12 Page - HOPE Microelectronics CO., Ltd.

Back Button RF68 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Page 12
RF68
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
5. RF68 Configuration
The RF68 has several configuration parameters which can be selected through the serial interface
5.1. TWI Access
As long as CTRL is kept stable, the DATA pin is considered by the circuit as the input for the data to be transmitted over the
air (Power&Go modes).
Programming of the configuration register is triggered by a rising edge on the CTRL line. Upon detection of this rising edge,
the data applied to the DATA pin is accepted as register configuration information, the data bits are clocked on subsequent
rising edges of the clocking signal applied to the CTRL pin. The timing for RF68 configuration register ‘write’ is shown in
Figure 7. Note that, once triggered, all 24 clock cycle must be issued to the RF68.
CTRL
DATA
1st
2nd
23rd
24th
DATA pin is an input
Figure 7. TWI Configuration Register ‘Write’.
The registers may, similarly, be read using the timing of Figure 8.
CTRL
DATA
1st
2nd
8th
24th
DATA pin is an output
DATA pin is an input
Figure 8. TWI Configuration Register ‘Read’.
The first rising edge on CTRL which initiates the ADVANCED mode must occur at least 1 ms after the circuit has been
powered up or reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com