Electronic Components Datasheet Search
  English  ▼

X  

RF68 Datasheet(PDF) 17 Page - HOPE Microelectronics CO., Ltd.

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF68 Datasheet(HTML) 17 Page - HOPE Microelectronics CO., Ltd.

Back Button RF68 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Page 17
RF68
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
6. Application Information
6.1. Crystal Specification
The RF68 is designed to operate with a low-cost 22, 24 or 26 MHz crystal
Table 13 RF68 Quartz Crystal Reference Oscillator Specification
Symbol
Description
Min
Typ
Max
Unit
FXOSC
Crystal Frequency
-
22
24
26
-
MHz
LM
Crystal Motional Inductance
-
14.970
13.700
12.655
-
mH
CM
Crystal Motional Capacitance
-
3.495
3.209
2.962
-
fF
RS
Crystal Serial Resistance
-
20
100
Ohms
C0
Crystal Shunt Capacitance
-
1.0
7.0
pF
CL
Load Capacitance
-
15
-
pF
6.2. Reference Design
Figure 11. Reference Schematic
The evaluation module, presented in Figure 11, allows for the seamless evaluation of the RF68 circuit. Several BOM
options are offered to evaluate the performance in all frequency bands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com