Electronic Components Datasheet Search
  English  ▼

X  

RF68 Datasheet(PDF) 4 Page - HOPE Microelectronics CO., Ltd.

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF68 Datasheet(HTML) 4 Page - HOPE Microelectronics CO., Ltd.

  RF68 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Page 4
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
RF68
1.3. Pin Description, DFN8 Encapsulation
Table 1
Description of the RF68 DFN8 Pinouts
Number
Name
Type
Function in ‘Power & Go’ Modes
Function in ‘Advanced’ Mode
0
GND
I
Exposed Pad, Ground
1
NRESET
I
Reset (Optional, can be left floating)
2
DATA
I/O
Transmit Data
Transmit or Configuration Data
3
XTAL
I/O
Reference Crystal
4
GND
I
Ground
5
VBAT
I
Power Supply 1.8V to 3.7V
6
CTRL
I
Config Selection
Configuration Data Clock
7
TX_READY
O
Transmitter Ready Flag (Optional, can be left floating)
8
RFOUT
O
Transmitter RF Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com