Electronic Components Datasheet Search
  English  ▼

X  

RF68 Datasheet(PDF) 11 Page - HOPE Microelectronics CO., Ltd.

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF68 Datasheet(HTML) 11 Page - HOPE Microelectronics CO., Ltd.

Back Button RF68 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Page 11
RF68
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
4.5. Frequency Band Coverage
The RF68 offers several combinations or frequency references and frequency outputs, allowing for maximum flexibility
and design of multi-band products:
Table 7
Frequency Selection Table
Reference
Frequency
FXOSC
Band Setting
DA(13)
Upper / Lower
Frequency
Bounds
Fstep
Frf &
Fdev
22 MHz
310 to 450 MHz
22x10
6
Fstep= -----------------= 1.34277kHz
2
14
24 MHz
312 to 450 MHz
24x10
6
Fstep= -----------------= 1.46484kHz
2
14
0
338 to 450 MHz
26x10
6
Fstep= -----------------= 1.58691kHz
2
14
26 MHz
1
860 to 870 MHz
and
902 to 928 MHz
6
Fstep=
2---6----x---1---0----= 3.17383kHz
2
13
Frf= DF(18;0) × Fstep
Fdev= DA(12;5) × Fstep
4.6. Power Consumption
The following typical power consumption figures are observed on the RF68 kits. Note that the transmitter efficiency
depends on the impedance matching quality, and can be PCB design dependant.
The PA matching may be different in each frequency band.
Table 8
Power Consumption in Tx mode
Frequency Band
Conditions
Typical Current
Drain
310 to 450 MHz
Pout=+10dBm, OOK modulation with 50% duty cycle
Pout=+10dBm, FSK modulation
Pout=0dBm, FSK modulation
11 mA
15 mA
9 mA
860 to 870 MHz
Pout=+10dBm, FSK modulation
Pout=0dBm, FSK modulation
16.5 mA
10 mA
902 to 928 MHz
Pout=+10dBm, FSK modulation
Pout=0dBm, FSK modulation
17.5 mA
10.5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com