Electronic Components Datasheet Search
  English  ▼

X  

RF68 Datasheet(PDF) 15 Page - HOPE Microelectronics CO., Ltd.

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF68 Datasheet(HTML) 15 Page - HOPE Microelectronics CO., Ltd.

Back Button RF68 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Page 15
RF68
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
5.4. Test Parameters (internal)
Ten Test bits DT(9:0) exist in the RF68. They are only use for the industrial test of the device, and therefore they are pad
protected. It means that their value cannot be modified without applying a specific logical level to some of the RF68 pads
during a write access.
5.5. Status Parameters
DS(12:5) are read-only bits, organized as follows:
Name
Number
Description
Default
Advanced
Mode
Power
&Go 1
Power
&Go 2
RES
DS(28:13)
Reserved
-
Chip
Version
DS(12:5)
Chip identification number
“0001 0001” --> V1A
RES
DS(4:0)
Reserved
-
Table 12 Status Read-Only Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com