Electronic Components Datasheet Search
  English  ▼

X  

RF68 Datasheet(PDF) 10 Page - HOPE Microelectronics CO., Ltd.

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF68 Datasheet(HTML) 10 Page - HOPE Microelectronics CO., Ltd.

Back Button RF68 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Page 10
RF68
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
4.3. Application Mode: Power & Go
The default ‘Power & Go’ application mode sees the RF68 configured as detailed in Table 6. By changing the logical
state of the CTRL pin at Power-up or Reset, two distinct configuration modes can be selected. The Power & Go application
modes hence permit microcontroller-less operation.
Table 6
Configuration in Power & Go Mode
CTRL Pin
Configuration
Mode
‘Low’
FSK 868.3 MHz, +10 dBm, Fdev=+/-19.2 kHz
Power&Go 1
‘High’
OOK 433.92 MHz, +10 dBm
Power&Go 2
4.4. Application Mode: Advanced
4.4.1. Advanced Mode: Configuration
As described on Figure 4, Advanced mode is entered when accessing the Two Wire Interface (TWI) bus of the RF68.
Upon communication to the register at up to 10 MHz of clocking speed, complete flexibility on the use of the chip is
obtained.
Once all register settings are selected (see registers detailed description in section [5]), the RF68 can be used either in
Automatic mode by simply toggling the DATA pin, or in Forced Transmit mode to optimize timings for instance.
4.4.2. Frequency Hopping Spread Spectrum
Frequency hopping is supported in Advanced mode. After sending the data stream in the first channel, the user can send
a Frequency change instruction containing the new channel frequency. The circuit will automatically ramp down the PA,
lock the PLL to the new frequency, and turn the Power Amplifier back on. The user can then send his packet data on the
new channel. Timings are detailed hereafter:
t < TOFFT
(2 or 20 ms)
TWI
instruction
t < TOFFT
(2 or 20 ms)
DATA
Frequency change
CTRL
Frequency change
RFOUT
5th falling
edge on CTRL
24th falling
edge on CTRL
Tx Channel A
TS_HOPi
Tx Channel B
Figure 6. Frequency Hopping Description
Notes - During any TWI access, the input of the modulator is inhibited
- The time between two Frequency change instructions shall be greater than TS_HOPi
- FHSS modulation, as described under FCC part 15.247, is supported by the RF68; also note that the large
Frequency Deviation settings available on the RF68 make it suitable for “Digitally Modulated Systems”, as
described under FCC Part 15.247 (a)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com