Electronic Components Datasheet Search
  English  ▼

X  

AD9929 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9929
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9929 Datasheet HTML 34Page - Analog Devices AD9929 Datasheet HTML 35Page - Analog Devices AD9929 Datasheet HTML 36Page - Analog Devices AD9929 Datasheet HTML 37Page - Analog Devices AD9929 Datasheet HTML 38Page - Analog Devices AD9929 Datasheet HTML 39Page - Analog Devices AD9929 Datasheet HTML 40Page - Analog Devices AD9929 Datasheet HTML 41Page - Analog Devices AD9929 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
AD9929
Rev. A | Page 38 of 64
Register Name
Bit
Width
Register Type
Reference
Counter
Range
Description
VTP
Pattern
VTPLEN3
9
Sys_Reg(9)
V Counter
0–512
Length between Repetitions
XV1STARTPOL3
1
Sys_Reg(9)
High/Low
XV1 Starting Polarity for VTP3
(0 = Low, 1 = High)
XV2STARTPOL3
1
Sys_Reg(9)
High/Low
XV1 Starting Polarity for VTP3
(0 = Low, 1 = High)
XV3STARTPOL3
1
Sys_Reg(9)
High/Low
XV1 Starting Polarity for VTP3
(0 = Low, 1 = High)
XV4STARTPOL3
1
Sys_Reg(9)
High/Low
XV1 Starting Polarity for VTP3
(0 = Low, 1 = High)
XV1TOG1POS3
9
Sys_Reg(9)
V Counter
0–511
XV1 Toggle Position 1 for VTP3
XV1TOG2POS3
9
Sys_Reg(9)
V Counter
0–511
XV1 Toggle Position 2 for VTP3
XV2TOG1POS3
9
Sys_Reg(9 &10)
V Counter
0–511
XV2 Toggle Position 1 for VTP3
XV2TOG2POS3
9
Sys_Reg(10)
V Counter
0–511
XV2 Toggle Position 2 for VTP3
XV3TOG1POS3
9
Sys_Reg(10)
V Counter
0–511
XV3 Toggle Position 1 for VTP3
XV3TOG2POS3
9
Sys_Reg(10&11)
V Counter
0–511
XV3 Toggle Position 2 for VTP3
XV4TOG1POS3
9
Sys_Reg(11)
V Counter
0–511
XV3 Toggle Position 1 for VTP3
XV4TOG2POS3
9
Sys_Reg(11)
V Counter
0–511
XV3 Toggle Position 2 for VTP3
VTP3
Table 23. Mode_A and Mode_B Registers for VTPx Selection
Register
Name
Bit
Width
Register
Type
Range
Description
VTPSEQPTR01
3
Mode_Reg(2)
Vertical Transfer Pulse Pointer used in CCD Region 0 (0 = VTPSEL0, 1 = VTPSEL1,
2 = VTPSEL2, 3 = VTPSEL3, 4 = VTPSEL0 for Even Line and VTPSEL1 for
Odd Line, 5 = VTPSEL2 for Even Line and VTPSEL3 for Odd Line)
VTPSEQPTR11
3
Mode_Reg(2)
Vertical Transfer Pulse Pointer used in CCD Region 1 (0 = VTPSEL0, 1 = VTPSEL1,
2 = VTPSEL2, 3 = VTPSEL3, 4 = VTPSEL0 for Even Line and VTPSEL1 for
Odd Line, 5 = VTPSEL2 for Even Line and VTPSEL3 for Odd Line)
VTPSEQPTR21
3
Mode_Reg(2)
Vertical Transfer Pulse Pointer used in CCD Region 2 (0 = VTPSEL0, 1 = VTPSEL1,
2 = VTPSEL2, 3 = VTPSEL3, 4 = VTPSEL0 for Even Line and VTPSEL1 for
Odd Line, 5 = VTPSEL2 for Even Line and VTPSEL3 for Odd Line)
VTPSEQPTR31
3
Mode_Reg(2)
Vertical Transfer Pulse Pointer used in CCD Region 3 (0 = VTPSEL0, 1 = VTPSEL1,
2 = VTPSEL2, 3 = VTPSEL3, 4 = VTPSEL0 for Even Line and VTPSEL1 for
Odd Line, 5 = VTPSEL2 for Even Line and VTPSEL3 for Odd Line)
VTPSEQPTR41
3
Mode_Reg(2)
Vertical Transfer Pulse Pointer used in CCD Region 4 (0 = VTPSEL0, 1 = VTPSEL1,
2 = VTPSEL2, 3 = VTPSEL3, 4 = VTPSEL0 for Even Line and VTPSEL1 for
Odd Line, 5 = VTPSEL2 for Even Line and VTPSEL3 for Odd Line)
VTPSEL0
2
Mode_Reg(3)
0 = VTP0, 1 = VTP1, 2 = VTP2, 3 = VTP3
VTPSEL1
2
Mode_Reg(3)
0 = VTP0, 1 = VTP1, 2 = VTP2, 3 = VTP3
VTPSEL2
2
Mode_Reg(3)
0 = VTP0, 1 = VTP1, 2 = VTP2, 3 = VTP3
VTPSEL3
2
Mode_Reg(3)
0 = VTP0, 1 = VTP1, 2 = VTP2, 3 = VTP3
VTPREP0
3
Mode_Reg(3)
0–7
Number of VTP0 Pulse Repetitions within a Line
VTPREP1
3
Mode_Reg(4)
0–7
Number of VTP1 Pulse Repetitions within a Line
VTPREP2
3
Mode_Reg(4)
0–7
Number of VTP2 Pulse Repetitions within a Line
VTPREP3
3
Mode_Reg(4)
0–7
Number of VTP3 Pulse Repetitions within a Line
1 Register settings 6 and 7 are not used.
Table 24. Mode_A and Mode_B Registers for CCD Region Selection
Register Name
Bit Width
Register Type
Range
Description
SCP1
8
Mode_Reg(2)
0–255 lines
Sequence Change Position 1
SCP2
8
Mode_Reg(2)
0–255 lines
Sequence Change Position 2
SCP3
8
Mode_Reg(2)
0–255 lines
Sequence Change Position 3
SCP4
8
Mode_Reg(2)
0–255 lines
Sequence Change Position 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com