| Electronic Components Datasheet Search |
|
AD9929 Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9929 Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 64 page ![]() AD9929 Rev. A | Page 16 of 64 Table 10. Mode_A Register Map (Address 0x15) Register Content Bit Width Default (Decimal) Register Name Register Description Mode_Reg(0) (31:24) 8 NA Mode_A_addr Mode_A Address Is (Address 0x15) (23:0) 24 NA Mode_A_Number_N Number N Register Writes (0x000000 = Write All Registers ) Mode_Reg(1) (31:21) 11 262 VDLEN VD Counter Value (20:9) 12 1139 HDLASTLEN1 Number of Pixels in Last Line (Gray Code Number) 8 1 1 XVSGSEL1 XVSG1 Sequence Selector (See Table 35) 7 1 0 XVSGSEL2 XVSG2 Sequence Selector (See Table 35) (6:0) 7 0 XVSGACTLINE XVSG Active Line Mode_Reg(2) 31 1 0 SUBCKSEL Select one of two SUBCK patterns (30:28) 3 0 VTPSEQPTR0 Vertical Transfer Sequence Region 0 (27:25) 3 0 VTPSEQPTR1 Vertical Transfer Sequence Region 1 (24:22) 3 0 VTPSEQPTR2 Vertical Transfer Sequence Region 2 (21:19) 3 0 VTPSEQPTR3 Vertical Transfer Sequence Region 3 (18:16) 3 0 VTPSEQPTR4 Vertical Transfer Sequence Region 4 15 1 1 CLPEN0 CLPOB Output Control 1 14 1 0 CLPEN1 CLPOB Output Control 2 13 1 0 CLPEN2 CLPOB Output Control 3 12 1 0 CLPEN3 CLPOB Output Control 4 11 1 0 CLPEN4 CLPOB Output Control 5 (10:3) 8 0 SCP1 Sequence Change Position 1 (2:0) 3 SCP2 Mode_Reg(3) (31:27) 5 0 SCP2 Sequence Change Position 2 (26:19) 8 0 SCP3 Sequence Change Position 3 (18:11) 8 0 SCP4 Sequence Change Position 4 (10:9) 2 0 VTPSEL0 Vertical Pattern Selection 0 (8:7) 2 0 VTPSEL1 Vertical Pattern Selection 1 (6:5) 2 0 VTPSEL2 Vertical Pattern Selection 2 (4:3) 2 0 VTPSEL3 Vertical Pattern Selection 3 (2:0) 3 3 VTPREP0 Number of Vertical Pulse Repetitions for Pattern 0 Mode_Reg(4) (31:29) 3 0 VTPREP1 Number of Vertical Pulse Repetitions for Pattern 1 (28:26) 3 0 VTPREP2 Number of Vertical Pulse Repetitions for Pattern 2 (25:23) 3 0 VTPREP3 Number of Vertical Pulse Repetitions for Pattern 3 (22:12) 11 0 SVREP0 Vertical Sweep Repetition Number for CCD Region 0 (11:1) 11 0 SVREP3 Vertical Sweep Repetition Number for CCD Region 3 0 1 – Unused Mode_Reg(5) (31:19) 13 988 XV1SPAT_TOG3 XV1SPAT Toggle Position 3 (18:6) 13 1138 XV1SPAT_TOG4 XV1SPAT Toggle Position 4 (5:0) 6 XV2SPAT_TOG3 Mode_Reg(6) (31:25) 7 1078 XV2SPAT_TOG3 XV2SPAT Toggle Position 3 (24:12) 13 1168 XV2SPAT_TOG XV2SPAT Toggle Position 4 (11:0) 12 XV3SPAT_TOG3 Mode_Reg(7) 31 1 958 XV3SPAT_TOG3 XV3SPAT Toggle Position 3 (30:18) 13 1138 XV3SPAT_TOG4 XV3SPAT Toggle Position 4 (17:5) 13 988 XV4SPAT_TOG3 XV4SPAT Toggle Position 3 (4:0) 5 XV4SPAT_TOG4 Mode_Reg(8) (31:24) 8 1228 XV4SPAT_TOG4 XV4SPAT Toggle Position 4 (23:11) 13 1392 SECONDVPOS Second V Pattern Output Position (10:9) 2 3 VPATSECOND Selected Second V-Pattern Group for VSG Active Line (8:0) 9 – Unused 1 Register value must be a gray code number (see Gray Code Registers section). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |