Electronic Components Datasheet Search
  English  ▼

X  

AD9929 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9929
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9929 Datasheet HTML 39Page - Analog Devices AD9929 Datasheet HTML 40Page - Analog Devices AD9929 Datasheet HTML 41Page - Analog Devices AD9929 Datasheet HTML 42Page - Analog Devices AD9929 Datasheet HTML 43Page - Analog Devices AD9929 Datasheet HTML 44Page - Analog Devices AD9929 Datasheet HTML 45Page - Analog Devices AD9929 Datasheet HTML 46Page - Analog Devices AD9929 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
AD9929
Rev. A | Page 43 of 64
V1 TO V4 AND SUBCK OUTPUT POLARITIES
As shown in Figure 41, the XV1 to XV4 and XSUBCK are
output signals from the AD9929 timing generator, whereas the
V1 to V1 and SUBCK are output signals from the AD9929
vertical driver. The V1 to V4 and SUBCK polarities are not the
same as the internal XV1 to XV4 and XSUBCK polarities
configured by the AD9929 registers. Table 28 through Table 32
describe the output polarities for these signals versus their input
levels. These tables must be referred to when determining the
register settings for the desired output levels. Figure 46 shows an
example of the V3 output.
Table 28. V1 Output Polarity
V-Driver Input
V1 Output
XV1
XVSG1
L
L
VH1
L
H
VM1
H
L
VL
H
H
VL
Table 29. V2 Output Polarity
V-Driver Input
V2 Output
XV2
L
VM2
H
VL
Table 30. SUBCK Output Polarity
V-Driver Input
SUBCK Output
XSUBCK
L
VH2
H
VL
TIMING
GENERATOR
XV1
XV2
XV3
XV4
XVSG1
XSUBCK
V1
V2
V3
V4
SUBCK
XVSG2
V-DRIVER
LOGIC
V-DRIVER
BUFFERS
V-DRIVER
Figure 41. Internal XV1 to XV4 and XSUBCK Signals
Table 31. V3 Output Polarity
V-Driver Input
V3 Output
XV3
XVSG2
L
L
VH1
L
H
VM1
H
L
VL
H
H
VL
Table 32. V4 Output Polarity
V-Driver Input
V4 Output
XV4
L
VM2
H
VL
V1
V3
XVSG1
XVSG3
VH1
VM1
tPMH
tR2
tPHM
tF1
50%
50%
10%
90%
10%
90%
50%
50%
XV1
XV3
tPLM1
tR1
10%
90%
tPML1
tF2
10%
90%
VL
Figure 42. V1 and V3 Transmission Delays and Rise Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com