Electronic Components Datasheet Search
  English  ▼

X  

AD9929 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9929
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9929 Datasheet HTML 14Page - Analog Devices AD9929 Datasheet HTML 15Page - Analog Devices AD9929 Datasheet HTML 16Page - Analog Devices AD9929 Datasheet HTML 17Page - Analog Devices AD9929 Datasheet HTML 18Page - Analog Devices AD9929 Datasheet HTML 19Page - Analog Devices AD9929 Datasheet HTML 20Page - Analog Devices AD9929 Datasheet HTML 21Page - Analog Devices AD9929 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
AD9929
Rev. A | Page 18 of 64
SYSTEM OVERVIEW
Figure 7 shows the typical system block diagram for the
AD9929. The CCD output is processed by the AD9929’s AFE
circuitry, which consists of a CDS, VGA, black level clamp, and
an A/D converter. The digitized pixel information is sent to the
digital image processor chip, which performs post-processing
and compression. To operate the CCD, all CCD timing para-
meters are programmed into the AD9929 from the system
microprocessor through the 3-wire serial interface. From the
system master clock, CLI, provided by the image processor or
external crystal, the AD9929 generates all of the CCDs hori-
zontal and vertical clocks and all internal AFE clocks. External
synchronization is provided by a SYNC pulse from the
microprocessor, which resets internal counters and resyn-
chronizes the VD and HD outputs.
The H-drivers for H1 to H2, and RG are included in the
AD9929, allowing these clocks to be directly connected to the
CCD. An H-drive voltage of up to 3.6 V is supported. The
AD9929 also includes the CCD vertical driver circuits for
creating the V1 to V4, and SUBCK outputs that allow direct
connection to the CCD. The AD9929 also provides program-
mable MSHUT and STROBE outputs, which may be used to
trigger mechanical shutter and strobe (flash) circuitry.
CCDIN
CCD
AD9929
DCLK1
FD
HD, VD
CLI
µP
DOUT [11:0]
VGATE
XV1
XV2
XV3
XV4
XVSG1
XSUBCK
TIMING
GENERATOR
VERTICAL
DRIVER
V1
V2
V3
V4
SUBCK
H1
H2
RG
VSUB
XVSG2
DIGITAL
IMAGE
PROCESSING
ASIC
Figure 7. Typical System Block Diagram, Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com