Electronic Components Datasheet Search
  English  ▼

X  

AD9929 Datasheet(PDF) 62 Page - Analog Devices

Part # AD9929
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9929 Datasheet HTML 56Page - Analog Devices AD9929 Datasheet HTML 57Page - Analog Devices AD9929 Datasheet HTML 58Page - Analog Devices AD9929 Datasheet HTML 59Page - Analog Devices AD9929 Datasheet HTML 60Page - Analog Devices AD9929 Datasheet HTML 61Page - Analog Devices AD9929 Datasheet HTML 62Page - Analog Devices AD9929 Datasheet HTML 63Page - Analog Devices AD9929 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
AD9929
Rev. A | Page 62 of 64
OUTLINE DIMENSIONS
A
B
C
D
E
F
G
H
J
K
BOTTOM
VIEW
TOP VIEW
1.40
MAX
SEATING
PLANE
DETAIL A
BALL DIAMETER
0.25 MIN
10 9
8
7
65
4 3
21
9.00 BSC SQ
7.20 BSC
0.90
REF SQ
0.55
0.50
0.45
0.12 MAX
COPLANARITY
0.80
BSC
BALL A1
INDICATOR
DETAIL A
A1 CORNER
INDEX AREA
1.00
0.85
COMPLIANT TO JEDEC STANDARDS MO-205-AB
Figure 72. 64-Lead Chip Scale Ball Grid Array [CSPBGA]
(BC-64)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9929BBCZ1
−25°C to +85°C
64-Lead Plastic Ball Grid Array
BC-64
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com