Electronic Components Datasheet Search
  English  ▼

X  

AD9929 Datasheet(PDF) 47 Page - Analog Devices

Part # AD9929
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9929 Datasheet HTML 43Page - Analog Devices AD9929 Datasheet HTML 44Page - Analog Devices AD9929 Datasheet HTML 45Page - Analog Devices AD9929 Datasheet HTML 46Page - Analog Devices AD9929 Datasheet HTML 47Page - Analog Devices AD9929 Datasheet HTML 48Page - Analog Devices AD9929 Datasheet HTML 49Page - Analog Devices AD9929 Datasheet HTML 50Page - Analog Devices AD9929 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
AD9929
Rev. A | Page 47 of 64
VD
XSUBCK
SUBCK PROGRAMMABLE SETTINGS
1. XSUBCK STARTING POLARITY IS ALWAYS HIGH.
2. FALLING EDGE OF XSUBCK IS SET USING THE XSUBCK1TOG1 OR XSUBCK2TOG1 REGISTERS.
3. RISING EDGE OF XSUBCK IS SET USING THE XSUBCK1TOG2 OR XSUBCK2TOG2 REGISTERS.
NUMBER OF XSUBCK PULSES WITHIN THE FIELD IS SET BY USING THE XSUBCKNUM REGISTER. IN THIS EXAMPLE, XSUBCKNUM = 2.
tEXP
XVSG1-
XVSG2
HD
tEXP
23
1
Figure 49. Normal Shutter Mode
VD
XSUBCK
XSUBCK PROGRAMMABLE SETTINGS
1. SETTING XSUBCKSUPPRESS REGISTER = 1 SUPRESSES THIS FIRST XSUBCK FOLLOWING XVSG PULSE.
tEXP
XVSG1-
XVSG2
HD
tEXP
1
Figure 50. XSUBCK Suppression Mode
HD
XSUBCK
NORMAL SHUTTER MODE PULSE
ALWAYS OUTPUT
13
24
5
6
7
9-BIT
0L-COUNTER
OLEN
Figure 51. Electronic Shutter Timing
HD
XSUBCK
1
9-BIT
OL-COUNTER
Figure 52. Electronic Shutter Timing Example with XSUBCKMODE_HP = 0 and XSUBCKNUM_HP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com