Electronic Components Datasheet Search
  English  ▼

X  

AD9929 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9929
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9929 Datasheet HTML 40Page - Analog Devices AD9929 Datasheet HTML 41Page - Analog Devices AD9929 Datasheet HTML 42Page - Analog Devices AD9929 Datasheet HTML 43Page - Analog Devices AD9929 Datasheet HTML 44Page - Analog Devices AD9929 Datasheet HTML 45Page - Analog Devices AD9929 Datasheet HTML 46Page - Analog Devices AD9929 Datasheet HTML 47Page - Analog Devices AD9929 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
AD9929
Rev. A | Page 44 of 64
XV2
XV4
V2
V4
VL
VM2
tPML2
tF3
50%
10%
90%
tPLM2
tR3
50%
10%
90%
Figure 43. V2 and V4 Transmission Delays and Rise Times
SUBCK
XSUBCK
VH2
VL
tPLH
tR4
tPHL
tF4
50%
50%
10%
90%
10%
90%
Figure 44. SUBCK Transmission Delays and Rise Times
XV1
V1
XVSG1
VH1
VM1
VL
Figure 45. Example Showing V1 Output versus XV1 and XVSG1 Signals
XV3
V3
XVSG2
VH1
VM1
VL
Figure 46. Example Showing V3 Output versus XV3 and XVSG2 Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com