Electronic Components Datasheet Search
  English  ▼

X  

AD9929 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9929
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929 Datasheet(HTML) 1 Page - Analog Devices

  AD9929 Datasheet HTML 1Page - Analog Devices AD9929 Datasheet HTML 2Page - Analog Devices AD9929 Datasheet HTML 3Page - Analog Devices AD9929 Datasheet HTML 4Page - Analog Devices AD9929 Datasheet HTML 5Page - Analog Devices AD9929 Datasheet HTML 6Page - Analog Devices AD9929 Datasheet HTML 7Page - Analog Devices AD9929 Datasheet HTML 8Page - Analog Devices AD9929 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
CCD Signal Processor with
Precision Timing™ Generator
AD9929
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
36 MSPS correlated double sampler (CDS)
12-bit 36 MHz A/D converter
On-chip vertical driver for CCD image sensor
On-chip horizontal driver for CCD image sensor
6 dB to 40 dB variable gain amplifier (VGA)
Black level clamp with variable level control
Complete on-chip timing generator
Precision Timing core with 0.58 ns resolution
2-phase H-clock modes
4-phase vertical transfer clocks
Electronic and mechanical shutter modes
On-chip sync generator with external sync option
64-lead, plastic ball, 9 × 9 grid array Pb-free package
APPLICATION
Digital still cameras
Digital video camcorders
PRODUCT DESCRIPTION
The AD9929 is a highly integrated CCD signal processor for
digital still camera and digital video camera applications. It
includes a complete analog front end with A/D conversion,
combined with a full-function, programmable timing generator.
The AD9929 also includes horizontal and vertical clock drivers,
which allow direct connection to the CCD image sensor.
The AD9929 is specified at pixel rates of up to 36 MHz. The
analog front end includes black level clamping, a CDS, a VGA,
and a 12-bit A/D converter. The timing generator provides all
the necessary CCD clocks: RG-clock, H-clocks, V-clocks, sensor
gate pulses, a substrate clock, and a substrate bias pulse. Oper-
ation is programmed using a 3-wire serial interface.
The AD9929 is packaged in a 64-lead CSPBGA. It is specified
over an operating temperature range of −25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
AD9929
CDS
VGA
CLAMP
12
DCLK1
FD/DCLK2
MSHUT
STROBE
CLI
DOUT
VREF
6dB TO 40dB
VERTICAL
DRIVERS
2
4
RG
H1, H2
V1, V2,
V3, V4
REFT REFB
PRECISION
TIMING
GENERATOR
SYNC
GENERATOR
INTERNAL CLOCKS
SUBCK
HD
VD
SYNC
INTERNAL
REGISTERS
SL SCKS
DI
VSUB
CCDIN
HORIZONTAL
DRIVERS
ADC
Figure 1.


Similar Part No. - AD9929

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
CCD Signal Processor with Precision Timing Generator
REV. A
More results

Similar Description - AD9929

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9992 AD-AD9992 Datasheet
775Kb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
10/07-Rev. B to Rev. C
AD9970 AD-AD9970 Datasheet
66Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
AD9898 AD-AD9898 Datasheet
518Kb / 52P
CCD Signal Processor with Precision Timing??Generator
REV.0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
CCD Signal Processor with Precision Timing??Generator
REV.0
AD9991 AD-AD9991 Datasheet
770Kb / 60P
10-Bit CCD Signal Processor with Precision Timing ??Generator
REV.0
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
CCD Signal Processor with Precision Timing Generator
REV. A
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com