Electronic Components Datasheet Search
  English  ▼

X  

AD9929 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9929
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9929 Datasheet HTML 29Page - Analog Devices AD9929 Datasheet HTML 30Page - Analog Devices AD9929 Datasheet HTML 31Page - Analog Devices AD9929 Datasheet HTML 32Page - Analog Devices AD9929 Datasheet HTML 33Page - Analog Devices AD9929 Datasheet HTML 34Page - Analog Devices AD9929 Datasheet HTML 35Page - Analog Devices AD9929 Datasheet HTML 36Page - Analog Devices AD9929 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
AD9929
Rev. A | Page 33 of 64
VGATE MASKING OF XV1 TO XV4 AND CLPOB OUTPUTS
During slave mode operation, the SYNC/VGATE Pin 45 is
configured as an input for an external VGATE signal. While
operating in this mode, the external VGATE signal can be used
to mask the XV1 to XV4 and CLPOB outputs. There are two
options available for masking the XV1 to XV4 and CLPOB
outputs. These options are determined by the setting of the
MSHUT/VGATE_EN register located at Control Address 0x01.
Examples of these two options are shown in Figure 30 and
Figure 31. Figure 30 shows MSHUT/VGATE_EN = 0. In this
example, the VGATE signal is internally latched on the falling
edge of HD, resulting with the XV1 to XV4 and CLPOB outputs
being masked when the internally latched VGATE signal is
high.
Figure 31 shows MSHUT/VGATE_EN = 1. In this example, the
preprogrammed MSHUT signal blocks the VGATE input from
masking XV1 to XV4 and CLPOB outputs while MSHUT is low.
The internally latched VGATE signal only masks XV1 to XV4
and CLPOB when MSHUT is high, while operating in this
mode.
VD
HD
VGATE
VGATE
(INTERNAL)
(PIN #45)
XV1–XV4
CLPOB
XV1–XV4 AND CLPOB MASKED
XV1–XV4 AND CLPOB MASKED
Figure 30. Example of VGATE Input Masking V1 to V4 and CLPOB Outputs with MSHUT/VGATE_EN = 0
VD
HD
VGATE
VGATE
(PIN #45)
XV1–XV4
(INTERNAL)
CLPOB
MSHUT
XV1–XV4 AND CLPOB MASKED
Figure 31. Example of VGATE Input Masking V1to V4 and CLPOB Outputs with MSHUT/VGATE_EN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com