Electronic Components Datasheet Search
  English  ▼

X  

AD9929 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9929
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9929 Datasheet HTML 15Page - Analog Devices AD9929 Datasheet HTML 16Page - Analog Devices AD9929 Datasheet HTML 17Page - Analog Devices AD9929 Datasheet HTML 18Page - Analog Devices AD9929 Datasheet HTML 19Page - Analog Devices AD9929 Datasheet HTML 20Page - Analog Devices AD9929 Datasheet HTML 21Page - Analog Devices AD9929 Datasheet HTML 22Page - Analog Devices AD9929 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
AD9929
Rev. A | Page 19 of 64
THEORY OF OPERATION
MODES OF OPERATION
Slave and Master Mode Operation
The AD9929 can be operated in either slave or master mode.
It defaults to slave mode operation at power-up. The
SLAVE_MODE register (Address 0xD6) can be used to
configure the AD9929 into master mode by setting
SLAVE_MODE = 0.
Slave Mode Operation
While operating in slave mode, VD, HD, and VGATE are pro-
vided externally from the image processor. VGATE is input
active high on Pin 45.
Unlike master mode operation, there is a 7 CLI clock cycle delay
from the falling edge of HD to when the 12-bit gray code H
counter is reset to 0 (See Figure 62).
Master Mode Operation
While operating in master mode, VD and HD are outputs
and the SYNC/VGATE pin is configured for an external
SYNC input. Master mode is selected by setting register
SLAVE_MODE (Address 0x06) = 0.
HORIZONTAL AND VERTICAL COUNTERS
Figure 8 and Figure 9 show the horizontal and vertical counter
dimensions for the AD9929. All internal horizontal and vertical
clocking is programmed using these dimensions to specify line
and pixel locations.
CLI INPUT CLOCK DIVIDER
The AD9929 provides the capability of dividing the CLI input
clock using Register CLKDIV (Address 0xD5). The following
procedure must be followed to reset the AFE and digital circuits
when CLKDIV is reprogrammed back to 0 from CLKDIV = 1,
2, or 3. The DCLK1 output becomes unstable if this procedure
isn’t followed.
Step 1
: CLKDIV = 1, 2, or 3 (CLI divided by setting value)
Step 2:
CLKDIV = 0 (CLI reprogrammed for no division)
Step 3:
DIGSTBY = AFESTBY = 0
Step 4:
DIGSTBY = AFESTBY = 1
12-BIT HORIZONTAL COUNTER = 4096 PIXELS MAX
MAXIMUM FIELD DIMENSIONS
Figure 8. Horizontal and Vertical Counters
GRAY CODE REGISTERS
See Table 12 for a list of the AD9929 registers requiring gray
code values. The following is an example of applying a gray
code number for HDLEN using a line length of 1560 pixels:
HDLEN = (1560–4) = 155610 (see Special Note about the
HDLEN Register section).
Where 155610 = Address 0x51E
The gray code value of Address 0x51E would be programmed in
the 12-bit HDLEN register.
Table 12. AD9929 Gray Code Registers
Register Name
Register Type
HDLEN
System_Reg(12)
CLPOBTOG1
System_Reg(15)
CLPOBTOG2
System_Reg(16)
HDLASTLEN
Mode_Reg(1)
VD
HD
MAX VD LENGTH IS 2048 LINES
MAX HD LENGTH IS 4095 PIXELS
CLI
Figure 9. Maximum VD/HD Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com