Electronic Components Datasheet Search
  English  ▼

X  

AD9929 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9929
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929 Datasheet(HTML) 4 Page - Analog Devices

  AD9929 Datasheet HTML 1Page - Analog Devices AD9929 Datasheet HTML 2Page - Analog Devices AD9929 Datasheet HTML 3Page - Analog Devices AD9929 Datasheet HTML 4Page - Analog Devices AD9929 Datasheet HTML 5Page - Analog Devices AD9929 Datasheet HTML 6Page - Analog Devices AD9929 Datasheet HTML 7Page - Analog Devices AD9929 Datasheet HTML 8Page - Analog Devices AD9929 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
AD9929
Rev. A | Page 4 of 64
DIGITAL SPECIFICATIONS
Table 2. RGVDD = HVDD = 2.7 V to 3.6 V, DVDD = DRVDD = 2.7 V to 3.6 V, CL = 20 pF, TMIN to TMAX, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
VIH
2.1
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS (Except H and RG)
High Level Output Voltage @ IOH = 2 mA
VOH
2.2
V
Low Level Output Voltage @ IOL = 2 mA
VOL
0.5
V
RG and H-DRIVER OUTPUTS (H1 to H2)
High Level Output Voltage @ Max Current
VOH
VDD − 0.5
V
Low Level Output Voltage @ Max Current
VOL
0.5
V
RG Maximum Output Current (Programmable)
15
mA
H1 and H2 Maximum Output Current (Programmable)
30
mA
Maximum Load Capacitance
100
pF
ANALOG SPECIFICATIONS
Table 3. AVDD = 3.0 V, fCLI = 36 MHz, TMIN to TMAX, unless otherwise noted.
Parameter
Min
Typ
Max
Unit
Notes
CDS
Allowable CCD Reset Transient
500
mV
See input signal characteristics in Table 1.
Max Input Range before Saturation
1.0
V p–p
Max CCD Black Pixel Amplitude
±100
mV
VARIABLE GAIN AMPLIFIER (VGA)
Max Output Range
2.0
V p–p
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
Low Gain
6
dB
Max Gain
40
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
255
Steps
Clamp Level
LSB
LSB measured at ADC output.
Min Clamp Level
0
LSB
Max Clamp Level
255
LSB
A/D CONVERTER
Resolution
10
Bits
Differential Nonlinearity (DNL)
±0.5
LSB
No Missing Codes
Guaranteed
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
2.0
V
Reference Bottom Voltage (REFB)
1.0
V
SYSTEM PERFORMANCE
Includes entire signal chain.
Gain Accuracy
Low Gain (VGA Code = 22)
6
dB
Gain = (0.035 × Code) + 5.2 dB.
Max Gain (VGA Code = 994)
40
dB
Peak Nonlinearity, 500 mV Input Signal
0.1
%
12 dB gain applied.
Total Output Noise
0.3
LSB rms
AC grounded input, 6 dB gain applied.
Power Supply Rejection (PSR)
40
dB
Measured with step change on supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com